Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 185 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 185 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 181Page - SMSC Corporation LPC47M192 Datasheet HTML 182Page - SMSC Corporation LPC47M192 Datasheet HTML 183Page - SMSC Corporation LPC47M192 Datasheet HTML 184Page - SMSC Corporation LPC47M192 Datasheet HTML 185Page - SMSC Corporation LPC47M192 Datasheet HTML 186Page - SMSC Corporation LPC47M192 Datasheet HTML 187Page - SMSC Corporation LPC47M192 Datasheet HTML 188Page - SMSC Corporation LPC47M192 Datasheet HTML 189Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 228 page
background image
SMSC DS – LPC47M192
Page 185
Rev. 03/30/05
DATASHEET
REGISTER
OFFSET
(hex)
TYPE
DESCRIPTION
DEFAULT
2D
Read / Write
+Vccp High Limit
Note 3
2E
Read / Write
+Vccp Low Limit
Note 3
2F
Read / Write
+3.3V High Limit
Note 3
30
Read / Write
+3.3V Low Limit
Note 3
31
Read / Write
+5V High Limit
Note 3
32
Read / Write
+5V Low Limit
Note 3
33
Read / Write
+12V High Limit
Note 3
34
Read / Write
+12V Low Limit
Note 3
35
Read / Write
HVCC High Limit
Note 3
36
Read / Write
HVCC Sense Low Limit
Note 3
37
Read / Write
Remote Temperature High Limit 1
Note 3
38
Read / Write
Remote Temperature Low Limit 1
Note 3
39
Read / Write
Ambient Temperature High Limit
Note 3
3A
Read / Write
Ambient Temperature Low Limit
Note 3
3E-4F
Read/Write
See the “Registers 3E-4F” subsection below
-
50
Read Only
+1.5V Reading
NA
51
Read Only
+1.8V Reading
NA
52
Read Only
Remote Diode Temperature Reading 2
NA
53
Read Only
Reserved
0x00
54
Read / Write
+1.5V High Limit
Note 3
55
Read / Write
+1.5V Low Limit
Note 3
56
Read / Write
+1.8V High Limit
Note 3
57
Read / Write
+1.8V Low Limit
Note 3
58
Read / Write
Remote Temperature High Limit 2
Note 3
59
Read / Write
Remote Temperature Low Limit 2
Note 3
Note 1:
This offset register only applies to the remote diode temperature reading 2. This register contains a 2's
complement value which is added (or subtracted if the number is negative) to external temperature reading 2. The
default value in the offset register is zero, so initially zero is always added to the temperature reading.
Note 2:
This offset register only applies to the remote diode temperature reading 1. This register contains a 2's
complement value which is added (or subtracted if the number is negative) to either the internal or external
temperature reading. The default value in the offset register is zero, so initially zero is always added to the
temperature reading. The offset register is configured for the external temperature channel by default. It may be
switched to the internal channel by setting bit 4 of the Special Function Register to 1.
Note 3:
The default values of the High and Low limit registers should be written after power on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com