Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 181 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 181 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 177Page - SMSC Corporation LPC47M192 Datasheet HTML 178Page - SMSC Corporation LPC47M192 Datasheet HTML 179Page - SMSC Corporation LPC47M192 Datasheet HTML 180Page - SMSC Corporation LPC47M192 Datasheet HTML 181Page - SMSC Corporation LPC47M192 Datasheet HTML 182Page - SMSC Corporation LPC47M192 Datasheet HTML 183Page - SMSC Corporation LPC47M192 Datasheet HTML 184Page - SMSC Corporation LPC47M192 Datasheet HTML 185Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 228 page
background image
SMSC DS – LPC47M192
Page 181
Rev. 03/30/05
DATASHEET
UART Interrupt Operation Table
Table 73 - Serial Port 2, Logical Device 5 [Logical Device Number = 0x05]
NAME
REG INDEX
DEFINITION
Serial Port 2
Mode Register
Default = 0x00
on VCC POR,
VTR POR and
PCI RESET
Bit[5] reset on
VTR POR only
0xF0 R/W
Bit[0] MIDI Mode
= 0 MIDI support disabled (default)
= 1 MIDI support enabled
Bit[1] High Speed
= 0 High Speed disabled(default)
= 1 High Speed enabled
Bit[4:2] Reserved, set to zero
Bit[5] TXD2_MODE (Note 1)
=0 The inactive state of the TXD2 pin is low.
=1 The inactive state of the TXD2 pin is tristate.
Bits[7:6] Reserved. Set to zero.
IR Option Register
Default = 0x02
on VCC POR,
VTR POR and
PCI RESET
0xF1 R/W
Bit[0] Receive Polarity
= 0 Active High (Default)
= 1 Active Low
Bit[1] Transmit Polarity
= 0 Active High
= 1 Active Low (Default)
Bit[2] Duplex Select
= 0 Full Duplex (Default)
= 1 Half Duplex
Bits[5:3] IR Mode
= 000
Standard COM Functionality (Default)
= 001
IrDA
= 010
ASK-IR
= 011
Reserved
= 1xx
Reserved
Bit[6] IR Location Mux
= 0 Use Serial port TXD2 and RXD2 (Default)
= 1 Use alternate IRRX2 (pin 61) and IRTX2 (pin 62).
Bit[7] Reserved, write 0.
IR
Half
Duplex
Timeout
Default = 0x03
on VCC POR,
VTR POR and
PCI RESET
0xF2
Bits [7:0]
These bits set the half duplex time-out for the IR port.
This value is 0 to 10msec in 100usec increments.
0= blank during transmit/receive
1= blank during transmit/receive + 100usec
Note 1
: The TXD2_MODE bit is a VTR powered bit that is reset on VTR POR only.
Table 74 - KYBD, Logical Device 7 [Logical Device Number = 0x07]
NAME
REG INDEX
DEFINITION
KRST_GA20
Default = 0x00
on VCC POR,
VTR POR and
PCI RESET
0xF0
R/W
KRESET and GateA20 Select
Bit[7] Polarity Select for P12
= 0 P12 active low (default)
= 1 P12 active high
Bit[6] M_ISO. Enables/disables isolation of mouse
signals into 8042. Does not affect MDAT signal to
mouse wakeup (PME) logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com