Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 177 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 177 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 173Page - SMSC Corporation LPC47M192 Datasheet HTML 174Page - SMSC Corporation LPC47M192 Datasheet HTML 175Page - SMSC Corporation LPC47M192 Datasheet HTML 176Page - SMSC Corporation LPC47M192 Datasheet HTML 177Page - SMSC Corporation LPC47M192 Datasheet HTML 178Page - SMSC Corporation LPC47M192 Datasheet HTML 179Page - SMSC Corporation LPC47M192 Datasheet HTML 180Page - SMSC Corporation LPC47M192 Datasheet HTML 181Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 228 page
background image
SMSC DS – LPC47M192
Page 177
Rev. 03/30/05
DATASHEET
Table 69 – DMA Channel Select Configuration Register Description
NAME
REG INDEX
DEFINITION
DMA
Channel
Select
Default=0x02 or
0x04 (Note 1)
on VCC POR,
VTR POR,
PCI RESET and
SOFT RESET
0x74 (R/W)
Bits[2:0] select the DMA Channel.
0x00= Reserved
0x01= DMA1
0x02= DMA2
0x03= DMA3
0x04-0x07= No DMA active
Notes:
A DMA channel is activated by setting the DMA Channel Select register to [0x01-0x03] AND :
For the FDC logical device by setting DMAEN, bit D3 of the Digital Output Register.
For the PP logical device in ECP mode by setting dmaEn, bit D3 of the ecr.
The DMA channel must be disabled if not used/selected by any Logical Device. Refer to Note A.
Note 1:
The default value of the DMA Channel Select register for logical device 0 (FDD) is 0x02 and for logical
device 3 is 0x04.
Note A: Logical Device IRQ and DMA Operation
1.
IRQ and DMA Enable and Disable: Any time the IRQ or DMA channel for a logical block is disabled by a register bit
in that logical block, the IRQ and/or DMA channel must be disabled. This is in addition to the IRQ and DMA channel
disabled by the Configuration Registers (active bit or address not valid).
a) FDC: For the following cases, the IRQ and DMA channel used by the FDC are disabled. Digital Output Register
(Base+2) bit D3 (DMAEN) set to “0”. The FDC is in power down (disabled).
b) Serial Ports:
Modem Control Register (MCR) Bit D2 (OUT2) - When OUT2 is a logic “0”, the serial port interrupt is disabled.
c)
Parallel Port:
I.
SPP and EPP modes: Control Port (Base+2) bit D4 (IRQE) set to “0”, IRQ is disabled.
ii.
ECP Mode:
(1) (DMA) dmaEn from ecr register. See table.
(2) IRQ - See table.
MODE
(FROM ECR REGISTER)
IRQ
CONTROLLED BY
DMA
CONTROLLED BY
000
PRINTER
IRQE
dmaEn
001
SPP
IRQE
dmaEn
010
FIFO
(on)
dmaEn
011
ECP
(on)
dmaEn
100
EPP
IRQE
dmaEn
101
RES
IRQE
dmaEn
110
TEST
(on)
dmaEn
111
CONFIG
IRQE
dmaEn
d) Keyboard Controller: Refer to the KBD section of this spec.
e) MPU-401: Refer to the MPU-401 section of this spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com