Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 188 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 188 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 184Page - SMSC Corporation LPC47M192 Datasheet HTML 185Page - SMSC Corporation LPC47M192 Datasheet HTML 186Page - SMSC Corporation LPC47M192 Datasheet HTML 187Page - SMSC Corporation LPC47M192 Datasheet HTML 188Page - SMSC Corporation LPC47M192 Datasheet HTML 189Page - SMSC Corporation LPC47M192 Datasheet HTML 190Page - SMSC Corporation LPC47M192 Datasheet HTML 191Page - SMSC Corporation LPC47M192 Datasheet HTML 192Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 228 page
background image
SMSC DS – LPC47M192
Page 188
Rev. 03/30/05
DATASHEET
NAME/DEFAULT
REGISTER
OFFSET
(hex)
DESCRIPTION
VID Register
Default:
Bits[7:4]=0000
Bits[3:0]=VID3-
VID0 on HVCC
POR
and
Initialization
47
Bits[6:0] are
Read Only;
Bit[7] is (R/W)
Bits[3:0] VID[3:0]
The VID[3:0] inputs from Pentium/PRO power supplies to indicate
the operating voltage (e.g. 1.5V to 2.9V).
Bits[6:4] Reserved
Bit[7] RESET# Enable
0= Enables A0 pin for lowest order programmable bit of SMBus
address (Default)
1= Enables the RESET# pin output function
VID4 Register
Default:
Bits[7]=1,
Bits[6:1]=0
Bit[0]=VID4
on
HVCC POR and
Initialization
49
(R)
Bit[0] VID 4
VID 4 Input (If selected).
Bits[6:1] Reserved
Bit[7] Reserved1
Test
Mode
Register
Default = 0x00
on HVCC POR
and Initialization
4A
(R/W)
Bit[0] selects the ADC test mode. The default for this bit is zero,
which deactivates ADC test mode.
Bit[1] selects the digital test mode. The default for this bit is zero,
which deactivates digital test mode.
Bit[2] selects the external clock test mode. The default for this bit
is zero, which deactivates external oscillator clock test mode.
Bit[3] selects either 8 or 1 averaging for the ADC test mode. The
default for this bit is zero, which sets the averaging to 8 for the
ADC test mode. A one in this bit selects no averaging.
Bit[4] selects the oscillator clock to be muxed out on the VID2 pin.
The default for this bit is zero, which deactivates mux oscillator
clock test mode.
Bits[7:5] are used by the analog block for test purposes. These
three
bits
of
register
4Ah
are
muxed
out
on
pins
dig_test_an_pad[2:0]. These bits are also used to mux out either
the SDA line or the SCLK line to the VID3 pin. If bits[7:5] are ‘001’,
then the SDA line is muxed out onto the VID3 pin. If bits[7:5] are
‘010’, then the SCLK line is muxed out onto the VID3 pin.
Error
Debug
Register
Default = 0x00
on HVCC POR
and Initialization
4B
(R)
Bit[0] indicates that no NACK was generated by the host during
either a read byte protocol or a receive byte protocol.
Bit[1] indicates a read or a write was attempted to an invalid
register location.
Bit[2] indicates a write to a read only register was attempted
Bit[3] indicates a receive byte protocol was attempted when the
address pointer register pointed to the 00h location. This is the
default register location on power on reset. As noted in the “Bus
Protocols” section of the “Hardware Monitoring Interface” section,
the Internal Address register should be set up with a valid address
location by either a send byte protocol or a write byte protocol
after power-on-reset, before the receive byte protocol.
Bit[4] indicates an invalid slave address was detected.
Bit[5] indicates a premature stop was detected.
Bit[6] indicates an error was detected during the SMBus Receive
Byte Protocol Response to an ARA.
Bit[7] is reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com