Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 204 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 204 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 200Page - SMSC Corporation LPC47M192 Datasheet HTML 201Page - SMSC Corporation LPC47M192 Datasheet HTML 202Page - SMSC Corporation LPC47M192 Datasheet HTML 203Page - SMSC Corporation LPC47M192 Datasheet HTML 204Page - SMSC Corporation LPC47M192 Datasheet HTML 205Page - SMSC Corporation LPC47M192 Datasheet HTML 206Page - SMSC Corporation LPC47M192 Datasheet HTML 207Page - SMSC Corporation LPC47M192 Datasheet HTML 208Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 228 page
background image
SMSC DS – LPC47M192
Page 204
Rev. 03/30/05
DATASHEET
t12
t11
t10
t9
t7
t8
t6
t5
t4
t3
t2
t1
nWRITE
PD<7:0>
DATASTB
ADDRSTB
nWAIT
FIGURE 25 - EPP 1.9 DATA OR ADDRESS READ CYCLE
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
nWAIT Asserted to nWRITE Deasserted
0
185
ns
t2
nWAIT Asserted to nWRITE Modified (Notes 1,2)
60
190
ns
t3
nWAIT Asserted to PDATA Hi-Z (Note 1)
60
180
ns
t4
Command Asserted to PDATA Valid
0
ns
t5
Command Deasserted to PDATA Hi-Z
0
ns
t6
nWAIT Asserted to PDATA Driven (Note 1)
60
190
ns
t7
PDATA Hi-Z to Command Asserted
0
30
ns
t8
nWRITE Deasserted to Command
1
ns
t9
nWAIT Asserted to Command Asserted
0
195
ns
t10
nWAIT Deasserted to Command Deasserted
(Note 1)
60
180
ns
t11
PDATA Valid to nWAIT Deasserted
0
ns
t12
PDATA Hi-Z to nWAIT Asserted
0
µs
Note 1
: nWAIT is considered to have settled after it does not transition for a minimum of 50 ns.
Note 2
: When not executing a write cycle, EPP nWRITE is inactive high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com