Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 206 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 206 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 202Page - SMSC Corporation LPC47M192 Datasheet HTML 203Page - SMSC Corporation LPC47M192 Datasheet HTML 204Page - SMSC Corporation LPC47M192 Datasheet HTML 205Page - SMSC Corporation LPC47M192 Datasheet HTML 206Page - SMSC Corporation LPC47M192 Datasheet HTML 207Page - SMSC Corporation LPC47M192 Datasheet HTML 208Page - SMSC Corporation LPC47M192 Datasheet HTML 209Page - SMSC Corporation LPC47M192 Datasheet HTML 210Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 228 page
background image
SMSC DS – LPC47M192
Page 206
Rev. 03/30/05
DATASHEET
ECP PARALLEL PORT TIMING
Parallel Port FIFO (Mode 101)
The standard parallel port is run at or near the peak 500KBytes/sec allowed in the forward direction using DMA. The
state machine does not examine nACK and begins the next transfer based on Busy. Refer to FIGURE 28.
ECP Parallel Port Timing
The timing is designed to allow operation at approximately 2.0 Mbytes/sec over a 15ft cable. If a shorter cable is
used then the bandwidth will increase.
Forward-Idle
When the host has no data to send it keeps HostClk (nStrobe) high and the peripheral will leave PeriphClk (Busy)
low.
Forward Data Transfer Phase
The interface transfers data and commands from the host to the peripheral using an interlocked PeriphAck and
HostClk. The peripheral may indicate its desire to send data to the host by asserting nPeriphRequest.
The Forward Data Transfer Phase may be entered from the Forward-Idle Phase. While in the Forward Phase the
peripheral may asynchronously assert the nPeriphRequest (nFault) to request that the channel be reversed. When
the peripheral is not busy it sets PeriphAck (Busy) low. The host then sets HostClk (nStrobe) low when it is prepared
to send data. The data must be stable for the specified setup time prior to the falling edge of HostClk. The peripheral
then sets PeriphAck (Busy) high to acknowledge the handshake. The host then sets HostClk (nStrobe) high. The
peripheral then accepts the data and sets PeriphAck (Busy) low, completing the transfer. This sequence is shown in
FIGURE 29.
The timing is designed to provide 3 cable round-trip times for data setup if Data is driven simultaneously with HostClk
(nStrobe).
Reverse-Idle Phase
The peripheral has no data to send and keeps PeriphClk high. The host is idle and keeps HostAck low.
Reverse Data Transfer Phase
The interface transfers data and commands from the peripheral to the host using an interlocked HostAck and
PeriphClk.
The Reverse Data Transfer Phase may be entered from the Reverse-Idle Phase. After the previous byte has beed
accepted the host sets HostAck (nALF) low. The peripheral then sets PeriphClk (nACK) low when it has data to send.
The data must be stable for the specified setup time prior to the falling edge of PeriphClk. When the host is ready to
accept a byte it sets HostAck (nALF) high to acknowledge the handshake. The peripheral then sets PeriphClk (nACK)
high. After the host has accepted the data it sets HostAck (nALF) low, completing the transfer. This sequence is
shown in FIGURE 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com