Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 207 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 207 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 203Page - SMSC Corporation LPC47M192 Datasheet HTML 204Page - SMSC Corporation LPC47M192 Datasheet HTML 205Page - SMSC Corporation LPC47M192 Datasheet HTML 206Page - SMSC Corporation LPC47M192 Datasheet HTML 207Page - SMSC Corporation LPC47M192 Datasheet HTML 208Page - SMSC Corporation LPC47M192 Datasheet HTML 209Page - SMSC Corporation LPC47M192 Datasheet HTML 210Page - SMSC Corporation LPC47M192 Datasheet HTML 211Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 228 page
background image
SMSC DS – LPC47M192
Page 207
Rev. 03/30/05
DATASHEET
Output Drivers
To facilitate higher performance data transfer, the use of balanced CMOS active drivers for critical signals (Data,
HostAck, HostClk, PeriphAck, PeriphClk) are used in ECP Mode. Because the use of active drivers can present
compatibility problems in Compatible Mode (the control signals, by tradition, are specified as open-drain), the drivers
are dynamically changed from open-drain to push-pull. The timing for the dynamic driver change is specified in then
IEEE 1284 Extended Capabilities Port Protocol and ISA Interface Standard, Rev. 1.14, July 14, 1993, available
from Microsoft. The dynamic driver change must be implemented properly to prevent glitching the outputs.
FIGURE 28 - PARALLEL PORT FIFO TIMING
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
PDATA Valid to nSTROBE Active
600
ns
t2
nSTROBE Active Pulse Width
600
ns
t3
PDATA Hold from nSTROBE Inactive (Note 1)
450
ns
t4
nSTROBE Active to BUSY Active
500
ns
t5
BUSY Inactive to nSTROBE Active
680
ns
t6
BUSY Inactive to PDATA Invalid (Note 1)
80
ns
Note 1
: The data is held until BUSY goes inactive or for time t3, whichever is longer. This only applies if another
data transfer is pending. If no other data transfer is pending, the data is held indefinitely.
t3
t6
t1
t2
t5
t4
PD<7:0>
nSTROBE
BUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com