Electronic Components Datasheet Search
  English  ▼

X  

RFPIC12C509AF Datasheet(PDF) 35 Page - Microchip Technology

Part # RFPIC12C509AF
Description  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AF Datasheet(HTML) 35 Page - Microchip Technology

Back Button RFPIC12C509AF Datasheet HTML 31Page - Microchip Technology RFPIC12C509AF Datasheet HTML 32Page - Microchip Technology RFPIC12C509AF Datasheet HTML 33Page - Microchip Technology RFPIC12C509AF Datasheet HTML 34Page - Microchip Technology RFPIC12C509AF Datasheet HTML 35Page - Microchip Technology RFPIC12C509AF Datasheet HTML 36Page - Microchip Technology RFPIC12C509AF Datasheet HTML 37Page - Microchip Technology RFPIC12C509AF Datasheet HTML 38Page - Microchip Technology RFPIC12C509AF Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 104 page
background image
© 2001 Microchip Technology Inc.
Preliminary
DS70031A-page 33
rfPIC12C509AG/509AF
7.0
UHF ASK/FSK TRANSMITTER
7.1
Transmitter Operation
The transmitter is a fully integrated UHF ASK/FSK
transmitter consisting of crystal oscillator, phase-
locked loop (PLL), open-collector differential-output
Power Amplifier (PA), and mode control logic. External
components consist of bypass capacitors, crystal, and
PLL loop filter. The rfPIC12C509AG is capable of
Amplitude
Shift
Keying
(ASK)
modulation.
The
rfPIC12C509AF is capable of ASK or Frequency Shift
Keying (FSK) modulation by employing an internal FSK
switch to pull the transmitter crystal via a second load
capacitor.
Figure 7-1 shows the internal structure of the transmit-
ter. Transmitter connections are independent from the
PICmicro microcontroller unit (MCU) to provide for
maximum design flexibility. Example application cir-
cuits for ASK or FSK modulation are presented at the
end of this section.
The rfPIC12C509AG/509AF are radio frequency (RF)
emitting devices. Wireless RF devices are governed by
a country’s regulating agency. For example, in the
United States it is the Federal Communications Com-
mittee (FCC) and in Europe it is the European Confer-
ence
of
Postal
and
Telecommunications
Administrations (CEPT). It is the responsibility of the
designer to ensure that their end product conforms to
rules and regulations of the country of use and/or sale.
7.2
Supply Voltage (VDDRF,VSSRF)
Pins VDDRF and VSSRF supply power and ground
respectively to the transmitter. These power pins are
separate from power supply pins VDD and VSS to the
PICmicro MCU.
7.3
Crystal Oscillator
The transmitter crystal oscillator is a Colpitts oscillator
that provides the reference frequency to the PLL. It is
independent from the PICmicro oscillator. An external
crystal or AC coupled reference signal is connected to
the XTAL pin. The transmit frequency is fixed and
determined by the crystal frequency according to the
formula:
Due to the flexible selection of transmit frequency, the
resulting crystal frequency may not be a standard off-
the-shelf value. Therefore, for some carrier frequencies
the designer will have to consult a crystal manufacturer
and have a custom crystal manufactured. Crystal
parameters are listed in Table 7-1. For background
information on crystal selection see Application Note
AN588, PICmicro® Microcontroller Oscillator Design
Guide.
The crystal oscillator start time (ton)islisted in
Table 11-10, Transmitter AC Characteristics.
TABLE 7-1:
CRYSTAL PARAMETERS
RF devices require correct board level implementa-
tion in order to meet regulatory requirements. Layout
considerations are listed at the end of each subsec-
tion. It is best to place a ground plane on the PCB to
reduce radio frequency emmissions and cross talk.
Layout Considerations - Provide low impedance
power and ground traces to minimize spurious emis-
sions. A two-sided PCB with a ground plane on the
bottom layer is highly recommended. Separate
bypass capacitors should be connected as close as
possible to each of the supply pins VDD and VDDRF.
Connect VSS and VSSRF to the ground plane using
separate PCB vias. Do not share a PCB via with mul-
tiple ground traces.
32
×
=
XTAL
transmit
f
f
Sym
Characteristic
Min
Max
Units
Conditions
fXTAL
Crystal Frequency
9.69
15
MHz
Parallel Resonant Mode
CL
Load Capacitance
10
15
pF
CO
Shunt Capacitance
—
7
pF
ESR
Equivalent Series Resistance
—
60
Ω
These values are for design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com