Electronic Components Datasheet Search
  English  ▼

X  

RFPIC12C509AF Datasheet(PDF) 90 Page - Microchip Technology

Part # RFPIC12C509AF
Description  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AF Datasheet(HTML) 90 Page - Microchip Technology

Back Button RFPIC12C509AF Datasheet HTML 86Page - Microchip Technology RFPIC12C509AF Datasheet HTML 87Page - Microchip Technology RFPIC12C509AF Datasheet HTML 88Page - Microchip Technology RFPIC12C509AF Datasheet HTML 89Page - Microchip Technology RFPIC12C509AF Datasheet HTML 90Page - Microchip Technology RFPIC12C509AF Datasheet HTML 91Page - Microchip Technology RFPIC12C509AF Datasheet HTML 92Page - Microchip Technology RFPIC12C509AF Datasheet HTML 93Page - Microchip Technology RFPIC12C509AF Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 104 page
background image
rfPIC12C509AG/509AF
DS70031A-page 88
Preliminary
© 2001 Microchip Technology Inc.
TABLE 12-1:
DYNAMIC IDD (TYPICAL) - WDT ENABLED, 25°C
FIGURE 12-3:
TYPICAL IDD VS. VDD
(WDT DIS, 25°C,
FREQUENCY = 4MHZ)
FIGURE 12-4:
TYPICAL IDD VS.
FREQUENCY (WDT DIS,
25°C, VDD =5.5V)
Oscillator
Frequency
VDD =3.0V
VDD =5.5V
External RC
4 MHz
240 µA*
800 µA*
Internal RC
4 MHz
320 µA
800 µA
XT
4 MHz
300 µA
800 µA
LP
32 KHz
19 µA
50 µA
*Does not include current through external R&C.
500
450
400
350
300
250
200
150
100
0
2.5
4.5
5.0
5.5
VDD (Volts)
550
3.0
600
500
450
400
350
300
250
200
150
100
0
02.0
3.5 4.0
Frequency (MHz)
550
1.0
600
3.0
2.5
1.5
.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com