Electronic Components Datasheet Search
  English  ▼

X  

RFPIC12C509AF Datasheet(PDF) 17 Page - Microchip Technology

Part # RFPIC12C509AF
Description  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AF Datasheet(HTML) 17 Page - Microchip Technology

Back Button RFPIC12C509AF Datasheet HTML 13Page - Microchip Technology RFPIC12C509AF Datasheet HTML 14Page - Microchip Technology RFPIC12C509AF Datasheet HTML 15Page - Microchip Technology RFPIC12C509AF Datasheet HTML 16Page - Microchip Technology RFPIC12C509AF Datasheet HTML 17Page - Microchip Technology RFPIC12C509AF Datasheet HTML 18Page - Microchip Technology RFPIC12C509AF Datasheet HTML 19Page - Microchip Technology RFPIC12C509AF Datasheet HTML 20Page - Microchip Technology RFPIC12C509AF Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 104 page
background image
© 2001 Microchip Technology Inc.
Preliminary
DS70031A-page 15
rfPIC12C509AG/509AF
4.0
MEMORY ORGANIZATION
rfPIC12C509AG/509AF memory is organized into pro-
gram memory and data memory. For devices with more
than 512 bytes of program memory, a paging scheme
is used. Program memory pages are accessed using
one STATUS register bit. For the rfPIC12C509AG/
509AF, with a data memory register file of more than 32
registers, a banking scheme is used. Data memory
banks are accessed using the File Select Register
(FSR).
4.1
Program Memory Organization
The rfPIC12C509AG/509AF devices have a 12-bit Pro-
gram Counter (PC) capable of addressing a 2K x 12
program memory space.
Only the first 1K x 12 (0000h-03FFh) for the
rfPIC12C509AG/509AF is physically implemented.
Refer to Figure 4-1. Accessing a location above these
boundaries will cause a wrap-around within the first 1K
x 12 space. The effective RESET vector is at 000h,
(see Figure 4-1). Location 03FFh contains the internal
clock oscillator calibration value. This value should
never be overwritten.
FIGURE 4-1: PROGRAM MEMORY MAP AND
STACK
CALL, RETLW
PC<11:0>
Stack Level 1
Stack Level 2
12
0000h
7FFh
01FFh
0200h
On-chip Program
Memory
RESET Vector (note 1)
Note 1: Address 0000h becomes the
effective RESET vector. Location
03FFh contains the MOVLW XX
INTERNAL RC oscillator calibra-
tion value.
512 Word
1024 Word
03FFh
0400h
On-chip Program
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com