Electronic Components Datasheet Search
  English  ▼

X  

RFPIC12C509AF Datasheet(PDF) 81 Page - Microchip Technology

Part # RFPIC12C509AF
Description  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AF Datasheet(HTML) 81 Page - Microchip Technology

Back Button RFPIC12C509AF Datasheet HTML 77Page - Microchip Technology RFPIC12C509AF Datasheet HTML 78Page - Microchip Technology RFPIC12C509AF Datasheet HTML 79Page - Microchip Technology RFPIC12C509AF Datasheet HTML 80Page - Microchip Technology RFPIC12C509AF Datasheet HTML 81Page - Microchip Technology RFPIC12C509AF Datasheet HTML 82Page - Microchip Technology RFPIC12C509AF Datasheet HTML 83Page - Microchip Technology RFPIC12C509AF Datasheet HTML 84Page - Microchip Technology RFPIC12C509AF Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 104 page
background image
© 2001 Microchip Technology Inc.
Preliminary
DS70031A-page 79
rfPIC12C509AG/509AF
TABLE 11-1:
PULL-UP RESISTOR RANGES*
11.3
Reset
When MCLR is asserted, the state of the OSC1/CLKIN and OSC2 pins are as follows:
VDD (Volts)
Temperature (
°C)
Min
Typ
Max
Units
GP0/GP1
2.5
–40
38K
42K
63K
Ω
25
42K
48K
63K
Ω
85
42K
49K
63K
Ω
5.5
–40
15K
17K
20K
Ω
25
18K
20K
23K
Ω
85
19K
22K
25K
Ω
GP3(1)
2.5
–40
65K
80K
850K
Ω
25
80K
100K
1150K
Ω
85
85K
110K
1300K
Ω
5.5
–40
50K
60K
600K
Ω
25
60K
65K
750K
Ω
85
65K
80K
900K
Ω
* These parameters are characterized but not tested.
Note 1: The weak pull-up resistor and associated current for the GP3/MCLR pin is non-linear when the respective
pin voltage is less than VDD - 1.0V. See parameter D061 for GP3/MCLR pin current specifications.
TABLE 11-2:
CLKIN/CLKOUT PIN STATES WHEN MCLR ASSERTED
Oscillator Mode
OSC1/CLKIN Pin
OSC2 Pin
EXTRC
OSC1 pin is tristated and driven by external circuit
OSC2 pin is driven low
INTRC
OSC1 pin is tristate input
OSC2 pin is tristate input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com