Electronic Components Datasheet Search
  English  ▼

X  

RFPIC12C509AF Datasheet(PDF) 55 Page - Microchip Technology

Part # RFPIC12C509AF
Description  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AF Datasheet(HTML) 55 Page - Microchip Technology

Back Button RFPIC12C509AF Datasheet HTML 51Page - Microchip Technology RFPIC12C509AF Datasheet HTML 52Page - Microchip Technology RFPIC12C509AF Datasheet HTML 53Page - Microchip Technology RFPIC12C509AF Datasheet HTML 54Page - Microchip Technology RFPIC12C509AF Datasheet HTML 55Page - Microchip Technology RFPIC12C509AF Datasheet HTML 56Page - Microchip Technology RFPIC12C509AF Datasheet HTML 57Page - Microchip Technology RFPIC12C509AF Datasheet HTML 58Page - Microchip Technology RFPIC12C509AF Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 104 page
background image
© 2001 Microchip Technology Inc.
Preliminary
DS70031A-page 53
rfPIC12C509AG/509AF
8.8
Power-Down Mode (SLEEP)
The SLEEP mode is designed to offer a very low cur-
rent power-down mode. The user can wake-up from
SLEEP through a change on input pins or through a
Watchdog Timer time-out. Several oscillator options
are also made available to allow the part to fit the appli-
cation, including an internal 4 MHz oscillator. The
EXTRC oscillator option saves system cost while the
LP crystal option saves power. A set of configuration
bits are used to select various options.
A device may be powered down (SLEEP) and later
powered up (Wake-up from SLEEP).
8.8.1
SLEEP
The Power-down mode is entered by executing a
SLEEP
instruction.
If enabled, the Watchdog Timer will be cleared but
keeps running, the TO bit (STATUS<4>) is set, the PD
bit (STATUS<3>) is cleared and the oscillator driver is
turned off. The I/O ports maintain the status they had
before the SLEEP instruction was executed (driving
high, driving low, or hi-impedance).
It should be noted that a RESET generated by a WDT
time-out does not drive the MCLR pin low.
For lowest current consumption while powered down,
the T0CKI input should be at VDD or VSS and the GP3/
MCLR/VPP pin must be at a logic high level (VIHMC)if
MCLR is enabled.
8.8.2
WAKE-UP FROM SLEEP
The device can wake-up from SLEEP through one of
the following events:
1.
An external RESET input on GP3/MCLR/VPP
pin, when configured as MCLR.
2.
A Watchdog Timer time-out Reset (if WDT was
enabled).
3.
A change on input pin GP0, GP1, or GP3/
MCLR/VPP
when
wake-up
on
change
is
enabled.
These events cause a device RESET. The TO,PD,and
GPWUF bits can be used to determine the cause of
device RESET. The TO bit is cleared if a WDT time-out
occurred (and caused wake-up). The PD bit, which is
set on power-up, is cleared when SLEEP is invoked.
The GPWUF bit indicates a change in state while in
SLEEP at pins GP0, GP1, or GP3 (since the last time
there was a file or bit operation on GP port).
The WDT is cleared when the device wakes from
sleep, regardless of the wake-up source.
Caution:
Right before entering SLEEP, read the
input pins. When in SLEEP, wake up
occurs when the values at the pins change
from the state they were in at the last read-
ing. If a wake-up on change occurs and
the pins are not read before reentering
SLEEP, a wake up will occur immediately
even if no pins change while in SLEEP
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com