Electronic Components Datasheet Search
  English  ▼

X  

RFPIC12C509AF Datasheet(PDF) 14 Page - Microchip Technology

Part # RFPIC12C509AF
Description  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AF Datasheet(HTML) 14 Page - Microchip Technology

Back Button RFPIC12C509AF Datasheet HTML 10Page - Microchip Technology RFPIC12C509AF Datasheet HTML 11Page - Microchip Technology RFPIC12C509AF Datasheet HTML 12Page - Microchip Technology RFPIC12C509AF Datasheet HTML 13Page - Microchip Technology RFPIC12C509AF Datasheet HTML 14Page - Microchip Technology RFPIC12C509AF Datasheet HTML 15Page - Microchip Technology RFPIC12C509AF Datasheet HTML 16Page - Microchip Technology RFPIC12C509AF Datasheet HTML 17Page - Microchip Technology RFPIC12C509AF Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 104 page
background image
rfPIC12C509AG/509AF
DS70031A-page 12
Preliminary
© 2001 Microchip Technology Inc.
TABLE 3-1:
rfPIC12C509AG/509AF PINOUT DESCRIPTION
Name
SOIC
CERDIP
Pin #
SSOP
Pin #
I/O/P
Type
Buffer
Type
Description
GP0
17
19
I/O
TTL/ST Bi-directional I/O port/ serial programming data. Can
be software programmed for internal weak pull-up and
wake-up from SLEEP on pin change. This buffer is a
Schmitt Trigger input when used in serial programming
mode.
GP1
16
18
I/O
TTL/ST Bi-directional I/O port/ serial programming clock. Can
be software programmed for internal weak pull-up and
wake-up from SLEEP on pin change. This buffer is a
Schmitt Trigger input when used in serial programming
mode.
GP2/T0CKI
15
17
I/O
ST
Bi-directional I/O port. Can be configured as T0CKI.
GP3/MCLR/VPP
4
4
I
TTL/ST Input port/master clear (Reset) input/programming
voltage input. When configured as MCLR, this pin is
an active low RESET to the device. Voltage on MCLR/
VPP must not exceed VDD during normal device opera-
tion or the device will enter programming mode. Can
be software programmed for internal weak pull-up and
wake-up from SLEEP on pin change. Weak pull-up
always on if configured as MCLR. ST when in MCLR
mode.
GP4/OSC2
3
3
I/O
TTL
Bi-directional I/O port/oscillator crystal output. Con-
nections to crystal or resonator in crystal oscillator
mode (XT and LP modes only, GPIO in other modes).
GP5/OSC1/CLKIN
2
2
I/O
TTL/ST Bi-directional IO port/oscillator crystal input/external
clock source input (GPIO in Internal RC mode only,
OSC1 in all other oscillator modes). TTL input when
GPIO, ST input in external RC oscillator mode.
VDD
1
1
P
—
Positive supply for logic and I/O pins
VSS
18
20
P
—
Ground reference for logic and I/O pins
RFENIN
5
6
I
TTL
Transmitter and CLKOUT enable. Internal pull-down.
CLKOUT
6
7
O
—
Clock output.
PS/DATAASK
7
8
I
—
Power select and ASK data input.
VDDRF
8
9
P
—
Positive supply for transmitter.
ANT2
9
10
O
—
Antenna connection to differential power amplifier out-
put, open collector.
ANT1
10
11
O
—
Antenna connection to differential power amplifier out-
put, open collector.
VSSRF
11
12
P
—
Ground reference for transmitter.
LF
13
14
—
AN
External loop filter connection. Common node of
charge pump output and VCO tuning input.
XTAL
14
5
I
—
Transmitter crystal connection to colpitts type crystal
oscillator.
DATAFSK
—
15
I
TTL
FSK data input.
FSKOUT
—
16
O
—
FSK crystal pulling output.
Legend: I = input, O = output, I/O = input/output, P = power, — = not used, TTL = TTL input, ST = Schmitt Trigger
input, AN = analog, CMOS = CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com