Electronic Components Datasheet Search
  English  ▼

X  

RFPIC12C509AF Datasheet(PDF) 80 Page - Microchip Technology

Part # RFPIC12C509AF
Description  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AF Datasheet(HTML) 80 Page - Microchip Technology

Back Button RFPIC12C509AF Datasheet HTML 76Page - Microchip Technology RFPIC12C509AF Datasheet HTML 77Page - Microchip Technology RFPIC12C509AF Datasheet HTML 78Page - Microchip Technology RFPIC12C509AF Datasheet HTML 79Page - Microchip Technology RFPIC12C509AF Datasheet HTML 80Page - Microchip Technology RFPIC12C509AF Datasheet HTML 81Page - Microchip Technology RFPIC12C509AF Datasheet HTML 82Page - Microchip Technology RFPIC12C509AF Datasheet HTML 83Page - Microchip Technology RFPIC12C509AF Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 104 page
background image
rfPIC12C509AG/509AF
DS70031A-page 78
Preliminary
© 2001 Microchip Technology Inc.
11.2
DC CHARACTERISTICS: rfPIC12C509AG/509AF (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40
°C ≤ TA ≤ +85°C (industrial)
Operating voltage VDD range as described in DC spec
Section 11.1.
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units Conditions
Input Low Voltage
VIL
I/O ports
D030
with TTL buffer
Vss
-
0.8V
V
For 4.5V
≤ VDD ≤ 5.5V
Vss
-
0.15VDD
V
otherwise
D031
with Schmitt Trigger buffer
Vss
-
0.2VDD
V
D032
MCLR, GP2/T0CKI (in EXTRC
mode)
VSS
-0.2VDD
V
D033
OSC1 (in EXTRC mode)
Vss
-
0.2VDD
V
Note 1
D033
OSC1 (in XT and LP)
VSS
-0.3VDD
V
Note 1
Input High Voltage
VIH
I/O ports
-
D040
with TTL buffer
2.0V
-
VDD
V4.5V
≤ VDD ≤ 5.5V
D040A
0.25VDD +
0.8V
-VDD
V
otherwise
D041
with Schmitt Trigger buffer
0.8VDD
-VDD
V
For entire VDD range
D042
MCLR, GP2/T0CKI
0.8VDD
-VDD
V
D042A
OSC1 (XT and LP)
0.7VDD
-VDD
V
Note 1
D043
OSC1 (in EXTRC mode)
0.9VDD
-VDD
V
D070
IPUR
GPIO weak pull-up current (Note 4)
30
250
400
µAVDD =5V, VPIN =VSS
Input Leakage Current (Notes 2, 3)
D060
IIL
I/O ports
-
-
+1
µAVss ≤ VPIN ≤ VDD,Pin at
hi-impedance
D061
D061A
GP3/MCLR (Note 5)
GP3/MCLR (Note 6)
8
-
130
-
250
+5
µA
µA
Vss
≤ VPIN ≤ VDD
Vss
≤ VPIN ≤ VDD
D063
OSC1
-
-
+5
µAVss ≤ VPIN ≤ VDD, XT and LP
osc configuration
Output Low Voltage
D080
VOL
I/O ports
-
-
0.6
V
IOL =8.5 mA, VDD =4.5V,
–40
°Cto +85°C
D080A
-
-
0.6
V
IOL =7.0 mA, VDD =4.5V,
–40
°Cto +125°C
Output High Voltage
D090
VOH
I/O ports (Note 3)
VDD -0.7
-
-
V
IOH =-3.0mA, VDD =4.5V,
–40
°Cto +85°C
D090A
VDD -0.7
-
-
V
IOH =-2.5mA, VDD =4.5V,
–40
°C to +125°C
Capacitive Loading Specs on
Output Pins
D100
COSC2 OSC2 pin
-
-
15
pF
In XT and LP modes when exter-
nal clock is used to drive OSC1.
D101
CIO
All I/O pins
-
-
50
pF
†
Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: In EXTRC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that
the rfPIC12C509AG be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as coming out of the pin.
4: Does not include GP3. For GP3 parameters D0061 and D0061A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com