Electronic Components Datasheet Search
  English  ▼

X  

RFPIC12C509AF Datasheet(PDF) 89 Page - Microchip Technology

Part # RFPIC12C509AF
Description  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AF Datasheet(HTML) 89 Page - Microchip Technology

Back Button RFPIC12C509AF Datasheet HTML 85Page - Microchip Technology RFPIC12C509AF Datasheet HTML 86Page - Microchip Technology RFPIC12C509AF Datasheet HTML 87Page - Microchip Technology RFPIC12C509AF Datasheet HTML 88Page - Microchip Technology RFPIC12C509AF Datasheet HTML 89Page - Microchip Technology RFPIC12C509AF Datasheet HTML 90Page - Microchip Technology RFPIC12C509AF Datasheet HTML 91Page - Microchip Technology RFPIC12C509AF Datasheet HTML 92Page - Microchip Technology RFPIC12C509AF Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 104 page
background image
© 2001 Microchip Technology Inc.
Preliminary
DS70031A-page 87
rfPIC12C509AG/509AF
12.0
DC AND AC CHARACTERISTICS
“Typical” represents the mean of the distribution at 25°C. “Maximum” or “minimum” represents (mean + 3
σ) or (mean -
3
σ) respectively, where σ is a standard deviation over the whole temperature range.
FIGURE 12-1:
CALIBRATED INTERNAL
RC FREQUENCY RANGE
VS. TEMPERATURE
(VDD =5.0V)
(INTERNAL RC IS
CALIBRATED TO 25°C,
5.0V)
FIGURE 12-2:
CALIBRATED INTERNAL
RC FREQUENCY RANGE
VS. TEMPERATURE
(VDD =2.5V)
(INTERNAL RC IS
CALIBRATED TO 25°C,
5.0V)
The graphs and tables provided following this note are a statistical summary based on a limited number of samples
and are provided for informational purposes only. The performance characteristics listed herein are not tested or
guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside
specified power supply range) and therefore outside the warranted range.
4.40
4.30
4.20
4.10
4.00
3.90
3.80
3.70
3.60
3.50
-40
25
85
125
4.50
0
Max.
Min.
Temperature (Deg.C)
4.40
4.30
4.20
4.10
4.00
3.90
3.80
3.70
3.60
3.50
-40
25
85
125
4.50
0
Max.
Min.
Temperature (Deg.C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com