Electronic Components Datasheet Search
  English  ▼

X  

DM562P Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # DM562P
Description  V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562P Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button DM562P Datasheet HTML 8Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 9Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 10Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 11Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 12Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 13Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 14Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 15Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
12
Preliminary
Version: DM562P-DS-P02
February 28, 2001
HDLC TxFiFo Register: Address DC03H
Write only
The original HDLC frame data will be loaded to the
TxFIFO, presented to the input of the TxHDLC circuit.
The TxFIFO is 21 bytes wide.
HDLC TxBuffer: Address DC03H
Read only
According to TxDataBits, the TxHDLC circuit will
transfer the same number data bits to the TxBuffer.
The TxBuffer is 16 bytes wide.
HDLC CNTL/STATUS Register: Address DC04H
Bit0:TxReady0
0: indicates the data in the TxFIFO has
deceased to zero and the HDLC circuit has
transferred the 1
st 7eH pattern.
1:indicates that the TxFIFO data is greater than
or equal to the threshold value.
Bit1:Rxdata
0: all the data in the RxBuffer has been read.
1:Programed by software to indicate that all data in
the RxDataBits register has been written to the
RxBuffer.
Bit2:TxFIFO Threshold
0: TxFIFO threshold No. = 11
1: TxFIFO threshold No. =16
Bit3:TxFiFo Status
0:data No. in TxFIFO >= threshold
1:data No. in TxFIFO <= threshold
Bit4:Txdata
0:A write action to TxDataBites register will clear
this bit.
1:Bit No. in TxBuffer = TxDataBits register.
Bit5: RxFIFO empty
0:data bytes No. in RxFIFO <>0
1:data bytes No. in RxFIFO = 0
Bit6: Reset
0:Normal state
1:reset HDLC circuit
Zero Deletion In
____ buffer register: Address DC08H
write only
Controller write the original data to this temp buffer.
Zero Deletion Out
____ buffer register: Address
DC08H
read only
Controller read the result data from this buffer
Zero Deletion Status/Rst register: Address DC09H
Bit0: data ready flag (read only)
1:data has been load to out
_ buffer. (clear
automatically by a read from out
_ buffer)
0: data has not been load to out
_ buffer.
Bit1: frame end flag (read only)
1:Indicate end of HDLC frame (clear by a reset
action)
Bit2: fram ready flag (read only)
1:CRC check ok.
0:CRC check fail.
Bit3: In
_ buffer empty flag
1:In
_ buffer empty (clear automatically by a
write to In
_buffer)
0:In
_ buffer not empty
Bit7: reset bit (write only)
1:software reset
(4)CRCL register: Address DC0AH (read only)
(5)CRCH register: Address DC0BH (read only)
UART (16550A) Emulation Registers (pci only)
Receiver Buffer (Read), Transmitter Holding
Register (Write): Address: 0 (DLAB=0)
Reset State 00h
bit7
bit6
bit5
bit4
bit3
Bit2
bit1
Bit0
dat7
dat6 dat5 dat4 dat3 Dat2 dat1 Dat0
When this register address is read, it contains the
parallel received data. Data to be transmitted is
written to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com