Electronic Components Datasheet Search
  English  ▼

X  

DM562P Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # DM562P
Description  V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562P Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button DM562P Datasheet HTML 34Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 35Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 36Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 37Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 38Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 39Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 40Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 41Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
38
Preliminary
Version: DM562P-DS-P02
February 28, 2001
DM6580 Register Description
Register
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Programme
dFunctions
TxCR0
R1
X3
X2
X1
X0
N3
N2
N1
N0
R0
S
T
Tx Data Rate
Clock
TxCR1
Q1
D
M1M0
Q0
F
Y
U2
U1U0
Tx Baud
sample Clock
TxCR2
Vol1
Vol2
F1
F0
W
ATT
LTX
LC
SST
EMX
VF
Miscellaneou
s control
TxTest
Reserved
RxCR0
R1
H2
H1
H0
N3
N2
N1
N0
R0
S
T
Rx Data Rate
Clock
RxCR1
Q1
RST
D
M1
M0
Q0
P
Y
U2
U1
U0
Rx Baud
SampleClock
RxCR2
-6dB
LL
PS4
PS3
PS2
PS1
PS0
AP2
AP1
AP
0
Rx Phase
Shift Control
RxTest
Reserved
DM6580 Absolute Maximum Ratings*
Absolute Maximum Ratings* ( 25
°C )
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVCC,AVCC
Supply Voltage
-0.5
7.0
V
VIN
DC Input Voltage (VIN)
-0.5
5.5
V
VOUT
DC Output Voltage(VOUT)
-0.5
5.5
V
Tc
Case Temperature Range
0
85
°C
Tstg
Storage Temperature Rang (Tstg)
-65
150
°C
LT
Lead Temp. (TL, Soldering, 10 sec.)
---
220
°C
*Comments
Stresses above those listed under “Absolute
Maximum Ratings”may cause permanent damage to
the device. These are stress ratings only. Functional
operation of this device at these or any other
conditions above those indicated in the operational
section of this specification is not implied or intended.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com