Electronic Components Datasheet Search
  English  ▼

X  

DM562P Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # DM562P
Description  V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562P Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button DM562P Datasheet HTML 35Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 36Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 37Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 38Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 39Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 40Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 41Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 42Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 43Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
42
Preliminary
Version: DM562P-DS-P02
February 28, 2001
PLCC 28L Outline Dimensions
unit: inches/mm
4
e
c
y
1
28
5
11
12
18
19
HD
D
D
D
D
25
26
GD
D
D
D
Seating Plane
b1111
b
Symbol
Dimensions In Inches
Dimensions In mm
A
0.185 Max.
4.70 Max.
A1
0.020 Min.
0.51 Min.
A2
0.1500.005
3.810.13
b1
0.028 +0.004
0.71 +0.10
-0.002
-0.05
b
0.018 +0.004
0.46 +0.10
-0.002
-0.05
c
0.010 +0.004
0.25 +0.10
-0.002
-0.05
D
0.4530.010
11.510.25
E
0.4530.010
11.510.25
e
0.0500.006
1.270.15
GD
0.4100.020
10.410.51
GE
0.4100.020
10.410.51
HD
0.4900.010
12.450.25
HE
0.4900.010
12.450.25
L
0.1000.010
2.540.25
y
0.006 Max.
0.15 Max.
Note:
1. Dimensions D and E do not include resin fins.
2. Dimensions GD & GE are for PC Board surface mount pad pitch
design reference only.
3. All dimensions are based on metric system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com