Electronic Components Datasheet Search
  English  ▼

X  

DM562P Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DM562P
Description  V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562P Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DM562P Datasheet HTML 2Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 3Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 4Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 5Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 6Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 7Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 8Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 9Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
6
Preliminary
Version: DM562P-DS-P02
February 28, 2001
according to the rising edge of SCLK. The MSB is
sent immediately after the falling edge of the
FR_SP1 signal.
49
47
49
47
CA16
CA17
O
Bank Switch Control:
These signals are used to switch external program
memory between banks.
CA16
CA17
Bank 0
0
0
Bank 1
1
0
Bank 2
0
1
Bank 3
1
1
51
T0
I
Controller Counter 0 Input
52
T1
I
Controller Counter 1 Input
57
/RI
I
Ring Signal Input
57
TxSCLK*2
I
TxDSP Interrupt 1 Input (PCI)
58
58
/DTR
I
DTR Input Pin (P1.1)
59
59
/OH
O
Hook Relay Control (P1.2)
60
60
/VOICE
O
Voice Relay Control. Modem Control Output
(memory map is bit 3 of DAA at memory address
D000H)
61-63
61-63
EEPROM 1-3
I/O
EEPROM Control Pins (P1.4-P1.6)
66
/LCS
I
Loop Current Detection. Modem Input Control:
This pin is mapped to bit0 of address D000H.
66
SCLK
I
Reference Clock For Serial Port 1 And Serial
Port 2 (PCI)
68
RXD
I
Controller Serial Port Data Input
69
TXD
O
Controller Serial Port Data Output
68
RD_SP2
I
Data Input Pin Of The Serial Port 2 (PCI)
The serial data is sampled at the falling edge of the
SCLK. The MSB is coming immediately after the
falling of FR_SP2 signal.
69
RD_SP1
I
Data Input Pin Of The Serial Port 1 (PCI)
The serial data is sampled at the falling edge of the
SCLK. The MSB is coming immediately after the
falling of FR_SP1 signal.
70
70
RxSCLK
I
Rx DSP Interrupt 3 Input
71
71
/PSEN
O
Controller Program Store Enable:
This output goes low during a fetch from external
program memory.
72
72
/WR
O
Controller External Data Memory Write Control
73
73
/RD
O
Controller External Data Memory Read Control
76
TxSCLK*2
I
TxDSP Interrupt 3 Input (External)
78
DSPRxD
O
Modem Received Data (External)
Shifted out to the EIA port through this pin
according to the rising edge of RXDCLK.
79
SCLK
I
Reference Clock For Serial Port 1 And Serial
Port 2 (External)
117
117
TEST1
Test pin 1, normal ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com