Electronic Components Datasheet Search
  English  ▼

X  

DM562P Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # DM562P
Description  V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562P Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button DM562P Datasheet HTML 35Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 36Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 37Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 38Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 39Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 40Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 41Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 42Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 43Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Preliminary
41
Version: DM562P-DS-P02
February 28, 2001
Package Information
QFP 128L Outline Dimensions
Unit: Inches/mm
L
L1
Detail F
θθθθ
Seating Plane
See Detail F
y
0.10
See Detail A
y
B
e
138
128
103
65
102
D
D1
E1
E
64
39
With Plating
Base
Metal
Detail A
C
B
Symbol
Dimension In Inch
Dimension In mm
A
0.134 Max.
3.40 Max.
A1
0.010 Min.
0.25 Min.
A2
0.112
± 0.005
2.85
± 0.12
B
0.009
± 0.002
0.22
±0.05
C
0.006
± 0.002
0.145
± 0.055
D
0.913
± 0.007
23.20
± 0.20
D1
0.787
± 0.004
20.00
± 0.10
E
0.677
± 0.008
17.20
± 0.20
E1
0.551
± 0.004
14.00
± 0.10
e
0.020 BSC
0.5 BSC
L
0.035
± 0.006
0.88
± 0.15
L1
0.063 BSC
1.60 BSC
y
0.004 Max.
0.10 Max.
θ
0
°~12°
0
°~12°
Note:
1.
Dimension D1 and E1 do not include resin fins.
2.
All dimensions are based on metric system.
3.
General appearance spec. should base itself on final visual inspection spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com