Electronic Components Datasheet Search
  English  ▼

X  

DM562P Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # DM562P
Description  V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562P Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button DM562P Datasheet HTML 32Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 33Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 34Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 35Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 36Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 37Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 38Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 39Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
36
Preliminary
Version: DM562P-DS-P02
February 28, 2001
DM6580 Features
•
16-bit Σ-△ A/D and D/A converters
•
Dynamic range : 86dB
•
Total harmonic distortion : -86dB
•
Separate transmit and receive clocks
•
Symbol rate : 75, 300, 600, 1200, 1600, 2400,
2743, 2800, 3000, 3200, 3429, 8000Hz
•
Data rate V.34 : 75, 300, 600, 1200, 2400, 4800,
7200, 9600, 12000, 14400, 16800, 19200, 21600,
24000, 26400, 28800, 31200, 33600 bps
•
Data rate V.90 : up to 56000 bps
•
Dual synchronous serial interface to host Digital
Signal Processor (DSP)
•
Separate transmit digital phase lock loop and
receive digital phase lock loop
•
Full echo cancellation capability
•
Differential analog output
•
Single-ended analog input
•
Single power supply voltage : +5V
•
Low power consumption
DM6580 Pin Configuration
9
8
7
6
5
11
10
25
24
23
22
21
20
19
TXA2
TXA1
AGNDR
VCM
VREFN
VREFP
AGNDT
DM6580
TFS
DIT
DOT
DGND
SCLK
DIR
DOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com