Electronic Components Datasheet Search
  English  ▼

X  

DM562P Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # DM562P
Description  V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562P Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button DM562P Datasheet HTML 21Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 22Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 23Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 24Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 25Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 26Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 27Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 28Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Preliminary
25
Version: DM562P-DS-P02
February 28, 2001
I/O Base Address (Xxxxxx10 - PCIIO)
31
0
1
2
3
1
00
I/O Base Address
I/O Base Address
PCI I/O Range Indication
I/O or Memory Space Indicator
Bit
Default
Type
Description
31:3
Undefined
RW
PCI I/O Base Address
This is the base address value for I/O access cycles. It will be compared to
AD[31:3] in the address phase of bus command cycle for the I/O resource
access.
2:1
00
RO
PCI I/O Range Indication
It indicates that the minimum I/O resource size is 08h.
01
RO
I/O Space Or Memory Space Base Indicator
Determines that the register maps into the I/O space.(=1 Indicates I/O
Base)
Subsystem Identification (Xxxxxx2c - PCISID)
0
31
Subsystem ID
Subsystem Vendor ID
Subsystem ID
Subsystem Vendor ID
Bit
Default
Type
Description
31:16
XXXXh
RO
_WR
Subsystem ID
Node number loaded from Contriller and different from each card.
15:0
XXXXh
RO
_WR
Subsystem Vendor ID
Unique number given by PCI SIG and loaded from Controller.
Capabilities Pointer (Xxxxxx34 - Cap _Ptr)
0
0
00 00
11
Cap_Ptr
Offset 34H
0
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com