Electronic Components Datasheet Search
  English  ▼

X  

DM562P Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DM562P
Description  V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562P Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DM562P Datasheet HTML 1Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 2Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 3Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 4Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 5Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 6Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 7Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 8Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Preliminary
5
Version: DM562P-DS-P02
February 28, 2001
DM6588 Pin Description
Pin No.
PCI internal
Pin No.
External
Pin Name
I/O
Description
11
Test4
I
Test pin 4
2~5,
9~12
UD0 - UD7
O
Modem Control Output, for external modem:
Memory address mapping of the controller is
E800H.
8
RxDCLK
I
Receive Data Rate Clock:(External)
This pin is used as reference clock of DSPRXD pin.
18
RD_SP2
I
Data Input Pin Of The Serial Port 2 (External)
The serial data is sampled at the falling edge of the
SCLK. The MSB is coming immediately after the
falling of FR_SP2 signal.
19
TXDCLK
I
Transmit Data Rate Clock:(External)
This pin is used as reference clock of DSPTXD pin.
21
DSPTxD
I
Modem Transmit Data (External)
Shifted into DM6581/DM6582 from EIA port
through this pin at the rising edge of TXDCLK.
28
RD_SP1
I
Data Input Pin Of The Serial Port 1 (External)
The serial data is sampled at the falling edge of the
SCLK. The MSB is coming immediately after the
falling of FR_SP1 signal.
6,20,37
50,80,89
107,118,123
6,20,37
50,80,89
107,118,123
GND
P
Ground
22~25
OUTP3~
OUTP0
O
Modem Control Output
For external modem, these pins are bit7~4 of the
modem control output. Memory address mapping
of the controller is C800H.
29~32
INP3~INP0
I
Modem Control Input
For external modem, these pins are bit3~0 of the
modem control input. Memory address mapping of
the controller is C800H.
13,33,45
67,94,113
128
13,33,45
67,94,113
128
VDD
P
+3.3V Power Supply
34
34
TEST2
I
Test pin 2,normal ground
35
35
TEST3
I
Test pin 3,normal ground
36
RESET
I
Reset:
An active high signal used to reset the DM6588.
42
42
XTAL1
I
Crystal Oscillator Input
43
43
XTAL2
O
Crystal Oscillator Output
46
46
/PWR
O
Controller Program Write Enable:
This pin is used to enable FLASH ROM
programming.
48
48
TD_SP1
O
Data Output Pin Of Serial Port 1
The serial data is clocked out through this pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com