Electronic Components Datasheet Search
  English  ▼

X  

DM562P Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # DM562P
Description  V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562P Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button DM562P Datasheet HTML 29Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 30Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 31Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 32Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 33Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 34Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 35Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 36Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Preliminary
33
Version: DM562P-DS-P02
February 28, 2001
DM6588 PCI Electrical Characteristics
DM6588 PCI Absolute Maximum Ratings* ( 25
°C )
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVCC,AVCC
Supply Voltage
-0.3
3.6
V
VIN
DC Input Voltage (VIN)
-0.5
5.5
V
VOUT
DC Output Voltage(VOUT)
-0.3
3.6
V
Tc
Case Temperature Range
0
85
°C
Tstg
Storage Temperature Rang (Tstg)
-65
150
°C
LT
Lead Temp. (TL, Soldering, 10 sec.)
---
220
°C
*Comments
Stresses above those listed under “Absolute
Maximum Ratings”may cause permanent damage to
the device. These are stress ratings only. Functional
operation of this device at these or any other
conditions above those indicated in the operational
section of this specification is not implied or intended.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
DM6588 PCI DC Electrical Characteristics (VDD = 3.3V, GND = 0V; Tc = 0
o
C to 85
o
C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VDD
Operating Voltage
3.15
3.3
3.45
V
IDD
Operating Current
120
mA
VIH
Input High Voltage
2.0
V
VIL
Input Low Voltage
0.8
V
IiL
Input Leakage Current
-1.0
1.0
μA
VIN = 0, 3.45V
VOH
Output High Voltage
2.4
V
IOH = -0.5mA
VOL
Output Low Voltage
0.4
V
IOL = 1.5mA
CIN
Input Capacitance
10.0
pF
VILRESET
Reset Schmitt VIL
0.8
V
VIHRESET
Reset Schmitt VIH
2.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com