Electronic Components Datasheet Search
  English  ▼

X  

DM562P Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # DM562P
Description  V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562P Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button DM562P Datasheet HTML 19Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 20Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 21Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 22Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 23Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 24Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 25Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 26Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Preliminary
23
Version: DM562P-DS-P02
February 28, 2001
4. Command Register Definition:
15
10
987
6543
21
0
Reserved
R/W
0
R/W
00
R/W
R/W
R/W
0
0
Parity Error Response Enable/Disable
I/O Space Access Enable/Disable
Memory Space Access Enable/Disable
Master Device Capability Enable/Disable
SERR# Driver Enable/Disable
Mast Mode Fast Back-To-Back
Address/Data Steeping
VGA Palette snoop
Special Cycle
Memory Write and Invalid
Bit
Default
Type
Description
15:10
000000
RO
Reserved
90
RO
Master Fast Back-to-back Mode (0 For No Support)
The DM6588 does not support master mode fast back-to-back capability
and will not generate fast back-to-back cycles.
80
RW
SERR# Driver Enable/Disable
This bit controls the assertion of SERR# signal output. The SERR# output
will be asserted on detection of an address parity error and if both this bit
and bit 6 are set.
70
RO
Address/Data Stepping (0 For No Stepping)
60
RW
Parity Error Response Enable/Disable
Setting this bit will enable the DM6588 to assert PERR# on the detection of
a data parity error and to assert SERR# for reporting address parity error.
50
RO
VGA Palette Snooping (0 For No Support)
40
RO
Memory Write and Invalid (0 For No Support)
30
RO
Special Cycles (0 For No Implementation)
20
RW
Master Device Capability Enable/Disable
The DM6588 will never support the function.
10
RW
Memory Space Access Enable/Disable
The DM6588 will never support the function.
01
RW
I/O Space Access Enable/Disable
This bit controls the ability of I/O space access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com