Electronic Components Datasheet Search
  English  ▼

X  

ML7020 Datasheet(PDF) 2 Page - OKI electronic componets

Part # ML7020
Description  1200 bps MODEM for Remote Control Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7020 Datasheet(HTML) 2 Page - OKI electronic componets

  ML7020 Datasheet HTML 1Page - OKI electronic componets ML7020 Datasheet HTML 2Page - OKI electronic componets ML7020 Datasheet HTML 3Page - OKI electronic componets ML7020 Datasheet HTML 4Page - OKI electronic componets ML7020 Datasheet HTML 5Page - OKI electronic componets ML7020 Datasheet HTML 6Page - OKI electronic componets ML7020 Datasheet HTML 7Page - OKI electronic componets ML7020 Datasheet HTML 8Page - OKI electronic componets ML7020 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
FEDL7020-02
1Semiconductor
ML7020
2/19
BLOCK DIAGRAM
* CPT: Call progress tone
* The state shown of each switch is that when the register is set to “0”.
DTMF
Reception
TO
TI–
TI+
TIO
MCU I/F
1.2 k
Ω
LI1–
LI1+
LI1O
LI2–
LI2O
SG
SGC
1.2 k
Ω
–1
LO–
+1
SWI
SGO
LO+
Oscillator
Circuit
CPT
Detection
Modem
Reception
SP
RD
DETB
CPT
Transmission
Modem
Transmission
DTMF
Transmission
Post-
LPF
XD
SW1
SW2
SW4
SW5
SW3
Input Amplifier 1
Input Amplifier 2
Input Amplifier 3
Output Amplifier 1
Output Amplifier 2
Output Amplifier 3
ATT
X1
X2
CLKO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com