Electronic Components Datasheet Search
  English  ▼

X  

ML7020 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML7020
Description  1200 bps MODEM for Remote Control Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7020 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML7020 Datasheet HTML 2Page - OKI electronic componets ML7020 Datasheet HTML 3Page - OKI electronic componets ML7020 Datasheet HTML 4Page - OKI electronic componets ML7020 Datasheet HTML 5Page - OKI electronic componets ML7020 Datasheet HTML 6Page - OKI electronic componets ML7020 Datasheet HTML 7Page - OKI electronic componets ML7020 Datasheet HTML 8Page - OKI electronic componets ML7020 Datasheet HTML 9Page - OKI electronic componets ML7020 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
FEDL7020-02
1Semiconductor
ML7020
6/19
Figure 1
Input amplifier 1 to 3 interface
Figure 2
Output amplifier 2, 3 interface example
VREF
SGO
TI+
R1
R2
TI–
TIO
Terminal
→
Input amplifier 1
C1
R3
R4
LI1–
LI1O
Line 1
→
Input amplifier 2
C2
R5
R6
LI2–
LI2O
Line 2
→
Input amplifier 3
C3
Example: The cutoff
frequency is fc = 10 kHz,
when R1 = R2 = 30 k
Ω
(gain = 1), and C1 is 500 pF
Example: The cutoff
frequency is fc = 10 kHz,
when R3 = R4 = 30 k
Ω
(gain = 1), and C2 is 500 pF
Example: The cutoff
frequency is fc = 10 kHz,
when R5 = R6 = 30 k
Ω
(gain = 1), and C3 is 500 pF
0.022
µF
LO–
(–10.0 dBm)
(–10.0 dBm)
LO+
600
Ω
600
Ω: 600 Ω
–10.0 dBm
Output amplifier 2
Output amplifier 3
(When the transformer loss is 0 dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com