Electronic Components Datasheet Search
  English  ▼

X  

ML7020 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML7020
Description  1200 bps MODEM for Remote Control Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7020 Datasheet(HTML) 1 Page - OKI electronic componets

  ML7020 Datasheet HTML 1Page - OKI electronic componets ML7020 Datasheet HTML 2Page - OKI electronic componets ML7020 Datasheet HTML 3Page - OKI electronic componets ML7020 Datasheet HTML 4Page - OKI electronic componets ML7020 Datasheet HTML 5Page - OKI electronic componets ML7020 Datasheet HTML 6Page - OKI electronic componets ML7020 Datasheet HTML 7Page - OKI electronic componets ML7020 Datasheet HTML 8Page - OKI electronic componets ML7020 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FEDL7020-02
1Semiconductor
This version:
Nov. 2000
Previous version: Feb. 2000
ML7020
1200 bps MODEM for Remote Control Systems
1/19
GENERAL DESCRIPTION
The ML7020 is a 1200 bps modem LSI developed for remote control systems.
The functions incorporated are
those of a 1200 bps FSK modem conforming to ITU-T Recommendations V.23, DTMF signal generation and
detection, call progress tone (CPT) generation and detection. Each functional block can be controlled via a 4-bit
processor interface.
FEATURES
• Single 5 V power supply operation (V
DD: 4.5 to 5.5 V)
• Low power consumption: During operation: 5 mA typ.
During the power down mode: 7
µA typ.
• Built-in 1200 bps modem conforming to ITU-T V.23 recommendations
• Built-in DTMF signal generator with a switchable 6-dB attenuator
• Built-in DTMF detector (the input can be selected from either the line or the terminal)
• Built-in call progress tone generator. The output frequency can be selected from 400 Hz and 800 Hz.
• Built-in call progress tone detector
• Three analog input systems (switchable)
• Analog output for the line is of the differential type and can drive a 600 Ω line transformer.
• Analog output for the terminal is of the single-ended type and can drive a 1.2 kΩ load.
• Built-in switch for selecting the 600 Ω termination
• 4-Bit processor interface
• Built-in oscillator circuit for a 3.579545 MHz crystal
• Package: 32-Pin plastic SSOP (SSOP32-P-430-1.00-K) (Product name: ML7020MB)


Similar Part No. - ML7020

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7021 OKI-ML7021 Datasheet
244Kb / 24P
Echo Canceler
ML7022 OKI-ML7022 Datasheet
122Kb / 20P
Single Rail Dual Channel PCM CODEC
ML7022-01MB OKI-ML7022-01MB Datasheet
122Kb / 20P
Single Rail Dual Channel PCM CODEC
ML7029 OKI-ML7029 Datasheet
163Kb / 29P
Multifunction ADPCM CODEC
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
Multifunction ADPCM CODEC
More results

Similar Description - ML7020

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6882-3 OKI-MSM6882-3 Datasheet
119Kb / 15P
2400/1200 bps Single Chip MSK Modem
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
1200 bps Single Chip MSK Modem
MSM7512B OKI-MSM7512B Datasheet
111Kb / 12P
1200 bps Half Duplex FSK Modem - ITU-T V.23
logo
STMicroelectronics
TDA2320 STMICROELECTRONICS-TDA2320 Datasheet
52Kb / 5P
PREAMPLIFIER FOR INFRARED REMOTE CONTROL SYSTEMS
Oct-1997
logo
List of Unclassifed Man...
XE1276 ETC-XE1276 Datasheet
97Kb / 10P
Compact 1200 bps Modem
SHF5110 ETC-SHF5110 Datasheet
64Kb / 7P
IR-Receiver for Remote Control Systems
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
logo
fujitsu semiconductor
MB87002 FUJITSU-MB87002 Datasheet
694Kb / 15P
1200 BPS MSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com