Electronic Components Datasheet Search
  English  ▼

X  

ML7020 Datasheet(PDF) 14 Page - OKI electronic componets

Part # ML7020
Description  1200 bps MODEM for Remote Control Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7020 Datasheet(HTML) 14 Page - OKI electronic componets

Back Button ML7020 Datasheet HTML 10Page - OKI electronic componets ML7020 Datasheet HTML 11Page - OKI electronic componets ML7020 Datasheet HTML 12Page - OKI electronic componets ML7020 Datasheet HTML 13Page - OKI electronic componets ML7020 Datasheet HTML 14Page - OKI electronic componets ML7020 Datasheet HTML 15Page - OKI electronic componets ML7020 Datasheet HTML 16Page - OKI electronic componets ML7020 Datasheet HTML 17Page - OKI electronic componets ML7020 Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
FEDL7020-02
1Semiconductor
ML7020
14/19
FUNCTIONAL DESCRIPTION
Description of Processor Interface
• List of Registers
Table 1
List of processor interface registers
A1
A0
R/W
D3D2D1D0
0
0
W
PBG3
PBG2
PBG1
PBG0
0
1
R/W
SW1 CONT
MODE2
MODE1
MODE0
1
0
R/W
SW3 CONT
SW2 CONT
CPTG ON
CPT800
1
1
R/W
SW5 CONT
SW4 CONT
MOD-DT ON
ATT
0
0
R
PBR3
PBR2
PBR1
PBR0
*
Data written into the registers other than the register [(A1, A0) = (0,0)] can be read out.
*
Immediately after switching ON the power, use the LSI only after clearing the control registers
using the power down mode.
• PBG3 to 0/PBR3 to 0
The registers PBG3 to 0 are used for setting the DTMF transmit data.
The registers PBR3 to 0 are used for reading the DTMF receive data.
The output frequency does not change even if the code is changed during transmission.
Table 2 shows the data assignments.
Table 2
DTMF transmit/receive data assignments
D3
D2
D1
D0
PBG3/
PBR3
PBG2/
PBR2
PBG1/
PBR1
PBG0/
PBR0
CODE
Lower group
frequency (Hz)
Higher group
frequency (Hz)
0
0
0
1
1
697
1209
0
0
1
0
2
697
1336
0
0
1
1
3
697
1477
0
1
0
0
4
770
1209
0
1
0
1
5
770
1336
0
1
1
0
6
770
1477
0
1
1
1
7
852
1209
1
0
0
0
8
852
1336
1
0
0
1
9
852
1477
1
0
1
0
0
941
1336
10
11
∗
941
1209
1
1
0
0
#
941
1477
1
1
0
1
A
697
1633
1
1
1
0
B
770
1633
1
1
1
1
C
852
1633
0
0
0
0
D
941
1633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com