Electronic Components Datasheet Search
  English  ▼

X  

ML7020 Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML7020
Description  1200 bps MODEM for Remote Control Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7020 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML7020 Datasheet HTML 5Page - OKI electronic componets ML7020 Datasheet HTML 6Page - OKI electronic componets ML7020 Datasheet HTML 7Page - OKI electronic componets ML7020 Datasheet HTML 8Page - OKI electronic componets ML7020 Datasheet HTML 9Page - OKI electronic componets ML7020 Datasheet HTML 10Page - OKI electronic componets ML7020 Datasheet HTML 11Page - OKI electronic componets ML7020 Datasheet HTML 12Page - OKI electronic componets ML7020 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
FEDL7020-02
1Semiconductor
ML7020
9/19
AC Characteristics (DTMF Section)
(V
DD = 4.5 to 5.5 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
V
DTTL
Lower group
tone
–7.0
–4.5
–3.0
dBm
Transmit level
V
DTTH
LO–, LO+_Differential *1
Higher group
tone
–5.5
–2.5
–1.0
dBm
Transmit signal level
relative value
V
DTDF
(Higher group tone) – (lower group tone)
1
2
3
dB
Transmit signal frequency
deviation
f
DDT
Relative to the nominal frequency
–1.5
—
+1.5
%
Transmit signal distortion
rate
THD
DT
(Harmonic waves) – (fundamental wave)
—
—
–23
dB
DTMF detection level
V
DETDT
For one frequency
–42
—
–6
dBm
DTMF non-detection level
V
REJDT
For one frequency
—
—
–60
dBm
Detection frequency band
f
DETDT
Relative to the nominal frequency
—
—
±1.5
%
Non-detection frequency
band
f
REJDT
Relative to the nominal frequency
±3.8
—-
—
%
Level difference between
two received frequencies
V
TWIST
(Higher group tone) – (lower group tone)
–6
—
+6
dB
Permissible received
noise level
L
OSSR6
(Noise level) – (tone level) 0.3 to 3.4 kHz
—
–12
—
dB
Received dial tone
elimination ratio
V
REJCP
380 to 420 Hz
37
53
—
dB
Signal repetition period
t
c
120
—
—
ms
t
s
Detection
49
—
—
ms
Input signal persistence
duration
t
l
Non-detection
—
—
24
ms
Signal quiet duration
t
p
30
—
—
ms
t
ba
SP = 0
—
—
0.4
ms
Instantaneous break
protection period
t
bb
SP = 1
—
—
10
ms
Detection delay time
t
g
During the tone 1, tone 2,
and loop back modes.
See Figure 3 and Table 3
for details.
24
41
49
ms
Detection hold time
t
d
24
28
35
ms
SP delay time
t
sp
0.2
0.6
1.0
ms
Signal repetition period
t
c
60
—
—
ms
t
s
Detection
35
—
—
ms
Input signal persistence
duration
t
l
Non-detection
—
—
10
ms
Signal quiet duration
t
p
During the tone 3 mode.
See Figure 3 and Table 3
for details.
21
—
—
ms
t
ba
SP = 0
—
—
0.4
ms
Instantaneous break
protection period
t
bb
SP = 1
—
—
3.0
ms
Detection delay time
t
g
12
26
37
ms
Detection hold time
t
d
15
20
27
ms
SP delay time
t
sp
0.2
0.6
1.0
ms
ATT attenuation
V
ATT
Relative to the ATT = “0” reference
–7.5
–6
–4.5
dB
Note: 0 dBm = 0.775 Vrms
*1:
The value will be 6 dB smaller for pin LO+ or pin LO– alone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com