Electronic Components Datasheet Search
  English  ▼

X  

ML7020 Datasheet(PDF) 8 Page - OKI electronic componets

Part # ML7020
Description  1200 bps MODEM for Remote Control Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7020 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button ML7020 Datasheet HTML 4Page - OKI electronic componets ML7020 Datasheet HTML 5Page - OKI electronic componets ML7020 Datasheet HTML 6Page - OKI electronic componets ML7020 Datasheet HTML 7Page - OKI electronic componets ML7020 Datasheet HTML 8Page - OKI electronic componets ML7020 Datasheet HTML 9Page - OKI electronic componets ML7020 Datasheet HTML 10Page - OKI electronic componets ML7020 Datasheet HTML 11Page - OKI electronic componets ML7020 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
FEDL7020-02
1Semiconductor
ML7020
8/19
ELECTRICAL CHARACTERISTICS
DC Characteristics
(V
DD = 4.5 to 5.5 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
I
DD1
During operation (modem
transmission/reception mode)*1
0
5.0
10.0
mA
I
DD2
During operation (tone 1 mode)*1
0
5.0
10.0
mA
I
DD3
During operation (tone 2, tone 3
modes)*1
0
6.0
11.0
mA
Power supply current
I
DD4
During power down
0
7.0
100
µA
I
IH
V
I = VDD
——2.0
µA
Input leak current
I
IL
V
I = 0 V
——0.5
µA
High level output
voltage
V
OH
I
OH = –100 µA
V
DD
–0.1
—V
DD
V
Low level output
voltage
V
OL
I
OL = 100 µA
0
0.05
0.1
V
Input capacitance
C
IN
——
5
—
pF
*1: See Table 3 for details of the modes.
Analog Interface
(V
DD = 4.5 to 5.5 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input resistance
R
IN
TI–, TI+, LI1–, LI1+, LI2–
10
—
—
M
Ω
R
L1
TIO, LI1O, LI2O
20
—
—
k
Ω
R
L2
TO (Output amplitude 1 Vpp or less)
1.2
—
—
k
Ω
Output load resistance
R
L3
LO–, LO+ (differential outputs)
1.2
—
—
k
Ω
Output load
capacitance
C
L
Analog outputs
—
—
100
pF
R
OX1
TIO, LI1O, LI2O, TO
—
10
—
Ω
Output impedance
R
OX2
LO–, LO+, SGO
—
10
—
Ω
V
O1
TIO, LI1O, LI2O, TO, LO–, LO+, SGC
—
V
DD/2
—
V
Output DC voltage
V
O2
SGO
V
DD/2
–0.1
V
DD/2
V
DD/2
+0.1
V
V
S1
4 to 8 kHz
—
–60
–20
dBm
V
S2
8 to 12 kHz
—
–80
–40
dBm
Out-of-band spurious
response
V
S3
LO–, LO+
(Differential outputs) 12 kHz to (4 kHz
each)
—
–80
–60
dBm
SW3 impedance
R
SW3
SW3
—
15
30
Ω
Output current
I
SGO
SGO pin (including via SW3)
–0.6
—
0.6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com