Electronic Components Datasheet Search
  English  ▼

X  

ML7020 Datasheet(PDF) 5 Page - OKI electronic componets

Part # ML7020
Description  1200 bps MODEM for Remote Control Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7020 Datasheet(HTML) 5 Page - OKI electronic componets

  ML7020 Datasheet HTML 1Page - OKI electronic componets ML7020 Datasheet HTML 2Page - OKI electronic componets ML7020 Datasheet HTML 3Page - OKI electronic componets ML7020 Datasheet HTML 4Page - OKI electronic componets ML7020 Datasheet HTML 5Page - OKI electronic componets ML7020 Datasheet HTML 6Page - OKI electronic componets ML7020 Datasheet HTML 7Page - OKI electronic componets ML7020 Datasheet HTML 8Page - OKI electronic componets ML7020 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
FEDL7020-02
1Semiconductor
ML7020
5/19
Pin No.
Symbol
I/O
Description
21
A1
I
The address input pin A1 for the processor interface.
22
D0
IO
The data input/output pin D0 for the processor interface.
23
D1
IO
The data input/output pin D1 for the processor interface.
24
D2
IO
The data input/output pin D2 for the processor interface.
25
D3
IO
The data input/output pin D3 for the processor interface.
26
CLKOUT
O
The 3.579545 MHz oscillator circuit output pin.
27
X2
O
28
X1
I
The pins for connecting a 3.579545 MHz crystal.
The capacitors and the
feedback resistor are internally connected to these pins.
When inputting an
external clock, connect the input to the X1 pin via a 1000 pF capacitor and leave
the pin X2 open.
29
XD
I
The modem transmit data input pin.
The “1” level corresponds to the mark data and the “0” level corresponds to the
space data.
30
RD
O
The modem receive data output pin.
The mark and space data are the same as
for XD.
A mark is output when no carrier is detected.
31
DETB
O
The pin for outputting the carrier detect signal of the modem or the call progress
tone detector output.
The detection result corresponding to the respective operating mode is output
from this pin.
A “0” indicates detection and a “1” indicates non-detection.
32
SP
O
The DTMF reception detection output pin.
A “0” indicates detection and a “1” indicates non-detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com