Electronic Components Datasheet Search
  English  ▼

X  

ML7020 Datasheet(PDF) 17 Page - OKI electronic componets

Part # ML7020
Description  1200 bps MODEM for Remote Control Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7020 Datasheet(HTML) 17 Page - OKI electronic componets

Back Button ML7020 Datasheet HTML 11Page - OKI electronic componets ML7020 Datasheet HTML 12Page - OKI electronic componets ML7020 Datasheet HTML 13Page - OKI electronic componets ML7020 Datasheet HTML 14Page - OKI electronic componets ML7020 Datasheet HTML 15Page - OKI electronic componets ML7020 Datasheet HTML 16Page - OKI electronic componets ML7020 Datasheet HTML 17Page - OKI electronic componets ML7020 Datasheet HTML 18Page - OKI electronic componets ML7020 Datasheet HTML 19Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
FEDL7020-02
1Semiconductor
ML7020
17/19
APPLICATION CIRCUIT EXAMPLE
To
terminal
V
DD
TIO
TI–
TI+
LI1O
LI1–
LI1+
SWI
SGO
LI2O
LI2–
TO
LO+
LO–
SGC
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
SP
DETB
RD
XD
X1
X2
CLKO
D3
D2
D1
D0
A1
A0
WRB
RDB
CSB
MCU I/F
3.579545 MHz
1
µF
30 k
Ω
ML7020
To line
From
terminal
From line
30 k
Ω
30 k
Ω
500 pF
500 pF
30 k
Ω
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com