Electronic Components Datasheet Search
  English  ▼

X  

ML7020 Datasheet(PDF) 12 Page - OKI electronic componets

Part # ML7020
Description  1200 bps MODEM for Remote Control Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7020 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button ML7020 Datasheet HTML 8Page - OKI electronic componets ML7020 Datasheet HTML 9Page - OKI electronic componets ML7020 Datasheet HTML 10Page - OKI electronic componets ML7020 Datasheet HTML 11Page - OKI electronic componets ML7020 Datasheet HTML 12Page - OKI electronic componets ML7020 Datasheet HTML 13Page - OKI electronic componets ML7020 Datasheet HTML 14Page - OKI electronic componets ML7020 Datasheet HTML 15Page - OKI electronic componets ML7020 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
FEDL7020-02
1Semiconductor
ML7020
12/19
AC Characteristics (Call Progress Tone Section)
(V
DD = 4.5 to 5.5 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Transmit level
V
CPT
Pin TO
–21.5
–20.0
–18.5
dBm
During 400 Hz output
380
400
420
Hz
Transmit frequency
f
CPT
Pin TO
During 800 Hz output
780
800
820
Hz
Distortion rate
THD
CPT
Pin TO
—
—
–23
dB
Detection level
V
DETCP
400 Hz, level of LI1O and LI2O
–46
—
–6
dBm
Non-detection level
V
REJCP
400 Hz, level of LI1O and LI2O
—
—
–60
dBm
Detection frequency
f
DETCP
—
360
—
440
Hz
510
—
—
Hz
Non-detection
frequency
f
rejCP
—
—
—
300
Hz
t
DETCP
Detection
30
—
—
ms
Detection
persistence period
t
REJCP
See Figure 4.
Non-detection
—
—
10
ms
Detection delay time
t
DELCP
10
17
30
ms
Detection hold time
t
HOLCP
10
17
30
ms
CPT input
t
REJCP
t
DETCP
DETB
t
DELCP
t
HOLCP
Figure 4
Call progress tone detection timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com