Electronic Components Datasheet Search
  English  ▼

X  

ML7020 Datasheet(PDF) 16 Page - OKI electronic componets

Part # ML7020
Description  1200 bps MODEM for Remote Control Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7020 Datasheet(HTML) 16 Page - OKI electronic componets

Back Button ML7020 Datasheet HTML 11Page - OKI electronic componets ML7020 Datasheet HTML 12Page - OKI electronic componets ML7020 Datasheet HTML 13Page - OKI electronic componets ML7020 Datasheet HTML 14Page - OKI electronic componets ML7020 Datasheet HTML 15Page - OKI electronic componets ML7020 Datasheet HTML 16Page - OKI electronic componets ML7020 Datasheet HTML 17Page - OKI electronic componets ML7020 Datasheet HTML 18Page - OKI electronic componets ML7020 Datasheet HTML 19Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
FEDL7020-02
1Semiconductor
ML7020
16/19
• SW1CONT
This is the switch for selecting the DTMF reception input.
0: The input amplifier 1 is connected to the DTMF reception circuit.
1: The input amplifier 2 is connected to the DTMF reception circuit.
• SW2CONT
This is the switch for selecting the modem reception and CPT detection inputs.
0: The input amplifier 2 is connected to the modem reception circuit and the CPT detection circuit.
1: The input amplifier 3 is connected to the modem reception circuit and the CPT detection circuit.
• SW3CONT
This is the switch for external circuits, and can be used for connecting the termination, etc.
0: The switch goes into the OFF state.
1: The switch goes into the ON state. (The SWI pin and the SGO pin are connected together.)
• SW4CONT
This is the switch for selecting the signal (TO) of the output amplifier 1.
0: The CPT transmit output is connected to the output amplifier 1.
1: The output signal of SW2 is connected to the output amplifier 1.
• SW5CONT
This is the switch for selecting the signal (LO–, LO+) of the output amplifier 2.
0: The DTMF transmit output is connected to the output amplifier 2.
1: The modem transmit output is connected to the output amplifier 2.
Set this to “1” during the modem transmit mode and set this to “0” during the DTMF transmit mode.
• CPTG_ON
This register is used for the ON/OFF control of call progress tone transmission.
0: CPT transmission becomes OFF and the signal is not output.
1: CPT transmission becomes ON and the signal is output.
• CPT800
This selects the frequency of call progress tone transmission.
0: A 400 Hz signal is output.
1: An 800 Hz signal is output.
• MOD-DT_ON
This is used for the ON/OFF control of modem transmission or DTMF transmission.
The transmission function is made ON/OFF of the block corresponding to the selected mode.
0: Modem transmission or DTMF transmission become OFF and the signal is not output.
1: Modem transmission or DTMF transmission become ON and the signal is output.
In the DTMF transmission mode or in the DTMF loop back mode, PBG3 to 0 are latched at the rising edge of
MOD-DT_ON.
Set this to “0” during the modem reception mode and the tone 1 mode.
• ATT
This controls the attenuator of the DTMF transmission section.
0: No attenuator is inserted.
The DTMF transmit signal is output as it is.
1: A –6 dB attenuator is inserted in the DTMF transmission section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com