Electronic Components Datasheet Search
  English  ▼

X  

ML7020 Datasheet(PDF) 11 Page - OKI electronic componets

Part # ML7020
Description  1200 bps MODEM for Remote Control Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7020 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button ML7020 Datasheet HTML 7Page - OKI electronic componets ML7020 Datasheet HTML 8Page - OKI electronic componets ML7020 Datasheet HTML 9Page - OKI electronic componets ML7020 Datasheet HTML 10Page - OKI electronic componets ML7020 Datasheet HTML 11Page - OKI electronic componets ML7020 Datasheet HTML 12Page - OKI electronic componets ML7020 Datasheet HTML 13Page - OKI electronic componets ML7020 Datasheet HTML 14Page - OKI electronic componets ML7020 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
FEDL7020-02
1Semiconductor
ML7020
11/19
AC Characteristics (Modem Section)
(V
DD = 4.5 to 5.5 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Modem transmit level
V
AOM
LO–, LO+ Differential
–6.0
–4.0
–2.0
dBm
Transmit signal level
relative value
V
DM
(Mark signal) – (space signal)
–1.5
0
+1.5
dB
f
M
—
XD = 1
1292
1300
1308
Hz
Transmit carrier
frequency
f
S
—
XD = 0
2092
2100
2108
Hz
Receive signal level
V
AI
Level of LI1O and LI2O
–51
—
–6
dBm
V
ON
Level of LI1O and LI2O
OFF
→ ON
—
–44.5
–42
dBm
Carrier detection level
V
OFF
1700 Hz
ON
→ OFF
–51
–46.5
—
dBm
Carrier detection
hysteresis
v
HYS
—2
—
dB
Carrier detection delay
time
t
CDD
OFF
→ –30 dBm
5
10
15
ms
Carrier detection hold
time
t
CDH
–30 dBm
→ OFF
232834
ms
Demodulation bias
distortion
D
BS
1200 bps, 1:1 pattern
–10
—
+10
%
Note: RD is fixed at “1” when the carrier detector is OFF.
AC Characteristics (CLKO)
(V
DD = 4.5 to 5.5 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
V
COH
0.9
×
V
DD
—V
DD
V
Output amplitude
V
COL
CL = 100 pF
0—
0.1
×
V
DD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com