Electronic Components Datasheet Search
  English  ▼

X  

ML7020 Datasheet(PDF) 4 Page - OKI electronic componets

Part # ML7020
Description  1200 bps MODEM for Remote Control Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7020 Datasheet(HTML) 4 Page - OKI electronic componets

  ML7020 Datasheet HTML 1Page - OKI electronic componets ML7020 Datasheet HTML 2Page - OKI electronic componets ML7020 Datasheet HTML 3Page - OKI electronic componets ML7020 Datasheet HTML 4Page - OKI electronic componets ML7020 Datasheet HTML 5Page - OKI electronic componets ML7020 Datasheet HTML 6Page - OKI electronic componets ML7020 Datasheet HTML 7Page - OKI electronic componets ML7020 Datasheet HTML 8Page - OKI electronic componets ML7020 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
FEDL7020-02
1Semiconductor
ML7020
4/19
PIN DESCRIPTIONS
Pin No.
Symbol
I/O
Description
1V
DD
Power supply pin.
Connect a +5 V power supply to this pin.
2TIO
O
The output pin of the input amplifier 1.
See Figure 1.
For the sake of noise
reduction, connect a capacitor between this pin and TI– (3) so as to attenuate
high frequency components above 10 kHz.
3TI–
I
The inverting input pin for the input amplifier 1.
When the input amplifier 1 is not
used, connect pin TIO (2) to pin TI– (3), and connect pin TI+ (4) to pin SGO.
4
TI+
I
The non-inverting input pin for the input amplifier 1.
5LI1O
O
The output pin for the input amplifier 2.
See Figure 1.
For the sake of noise
reduction, connect a capacitor between this pin and LI1– (6) so as to attenuate
high frequency components above 10 kHz.
6LI1–
I
The inverting input pin for the input amplifier 2.
When the input amplifier 2 is not
used, connect pin LI1O (5) and LI1– (6), and connect pin LI+ (7) to pin SGO.
7
LI1+
I
The non-inverting input pin for the input amplifier 2.
8SWI
I
The input pin for SW3.
This pin is connected internally to SGO (9) when SW3 is
to be made ON.
9SGO
O
The signal ground output pin for external circuits.
A voltage of about V
DD/2 is
output from this pin.
10
LI2O
O
The output pin for the input amplifier 3.
See Figure 1.
For the sake of noise
reduction, connect a capacitor between this pin and LI2– (10) so as to attenuate
high frequency components above 10 kHz.
11
LI2–
I
The inverting input pin for the input amplifier 3.
When the input amplifier 3 is not used, connect pin LI2O (10) and LI2– (11).
12
TO
O
The output pin of the output amplifier 1.
Can drive a load of 1.2 k
Ω or more.
13
LO+
O
The non-inverting output pin for the output amplifier 2.
See Figure 2 for details
of connecting a peripheral circuit.
14
LO–
O
The inverting output pin of the output amplifier 2.
See Figure 2 for details of
connecting a peripheral circuit.
15
SGC
O
The signal ground output pin for internal circuits.
A voltage of about V
DD/2 is
output from this pin.
Connect a 1
µF capacitor between SGC (15) and GND (16).
16
GND
The ground pin for the LSI.
Connect a 0 V input to this pin.
17
CSB
I
The chip select pin for the processor interface.
Reading and writing are possible when this input is “0”.
Reading and writing are
disabled when this input is “1”.
18
RDB
I
The read control pin for the processor interface.
Data can be read from the LSI when this pin is “0”.
19
WRB
I
The write control pin for the processor interface.
Data is written into this LSI at the rising edge of the WR signal.
20
A0
I
The address input pin A0 for the processor interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com