Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 26 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 22Page - Texas Instruments DM368ZCEZ Datasheet HTML 23Page - Texas Instruments DM368ZCEZ Datasheet HTML 24Page - Texas Instruments DM368ZCEZ Datasheet HTML 25Page - Texas Instruments DM368ZCEZ Datasheet HTML 26Page - Texas Instruments DM368ZCEZ Datasheet HTML 27Page - Texas Instruments DM368ZCEZ Datasheet HTML 28Page - Texas Instruments DM368ZCEZ Datasheet HTML 29Page - Texas Instruments DM368ZCEZ Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 208 page
background image
TMS320DM368
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
www.ti.com
Table 2-5. Pin Descriptions (continued)
Name
BGA
Type
Group
Power
IPU
Reset
Description(4)
ID
(1)
Supply(2)
IPD(3)
State
GIO88 /
D16
I/O
GIO /
VDDS33
Input
GIO: GIO[88]
COUT3(B6) (12)/
VENC /
PWM2 / RTO2
PWM2 /
RTO2
Digital Video Out: VENC settings determine
function(13).
For more details, see the DM36x DMSoC Video
Processor Back End User's Guide (SPRUFG9).
PWM2: PWM2 Output
RTO2: RTO2 Output
GIO87 /
D19
I/O
GIO /
VDDS33
Input
GIO: GIO[87]
COUT2(B5)(12) /
VENC
PWM2 / RTO3
/PWM2
/ RTO3
Digital Video Out: VENC settings determine
function(13).
For more details, see the DM36x DMSoC Video
Processor Back End User's Guide (SPRUFG9).
PWM2: PWM2 Output
RTO3: RTO3 Output
GIO86 /
D18
I/O
GIO /
VDDS33
Input
GIO: GIO[86]
COUT1(B4)(12) /
VENC /
PWM3 / STTRIG
PWM3
Digital Video Out: VENC settings determine
function(13).
For more details, see the DM36x DMSoC Video
Processor Back End User's Guide (SPRUFG9).
PWM3: PWM3 Output
STTRIG: Camera FLASH control trigger signal
GIO85 /
D17
I/O
GIO /
VDDS33
Input
GIO: GIO[85]
COUT0(B3) (14)/
VENC /
PWM3
PWM3
Digital Video Out: VENC settings determine
function(15).
For more details, see the DM36x DMSoC Video
Processor Back End User's Guide (SPRUFG9).
PWM3: PWM3 Output
GIO81(OSCCFG) /
C18
I/O
GIO /
VDDS33
Input
GIO: GIO[81]
LCD_FIELD / R2 /
VENC /
Note: This pin will be used as oscillator configuration
PWM3
PWM3
(OSCCFG). The GIO81(OSCCFG) state is latched
during reset, and it specifies the oscillation frequency
range mode of the pin. See Section 3.7.6 for more
details.
Video Encoder: Field identifier for interlaced display
formats(15).
For more details, see the DM36x DMSoC Video
Processor Back End User's Guide (SPRUFG9).
Digital Video Out: R2(15)
PWM3: PWM3 Output
(14) The Y output (YOUT[7:0]) and C output (COUT[7:0]) buses can be swapped by programming the field bit YCOUTSWP in the VPFE
CCD Configuration (CCDCFG) register (0x01C7 0136h). If the YCOUTSWP bit is 0 (default), YOUT[7:0] = Y signal / COUT[7:0] = C
signal . If the YCOUTSWP bit is 1, YOUT[7:0] = C signal / COUT[7:0] = Y signal. For more information, see the TMS320DM36x Video
Processing Front End (VPFE) Reference Guide (literature number SPRUFG8).
(15) To reduce EMI and reflections, depending on the trace length, approximately 22
Ω to 50 Ω damping resistors are recommend on the
following outputs placed near the device: YOUT(0-7),COUT(0-7), HSYNC,VSYNC,LCD_OE,FIELD, and,VCLK. The trace lengths should
be minimized.
26
Device Overview
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com