Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 3 Page - Texas Instruments

  DM368ZCEZ Datasheet HTML 1Page - Texas Instruments DM368ZCEZ Datasheet HTML 2Page - Texas Instruments DM368ZCEZ Datasheet HTML 3Page - Texas Instruments DM368ZCEZ Datasheet HTML 4Page - Texas Instruments DM368ZCEZ Datasheet HTML 5Page - Texas Instruments DM368ZCEZ Datasheet HTML 6Page - Texas Instruments DM368ZCEZ Datasheet HTML 7Page - Texas Instruments DM368ZCEZ Datasheet HTML 8Page - Texas Instruments DM368ZCEZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
1.2
Description
Developers can now deliver crystal clear multi-format video at up to 1080p H.264 at 30fps (encode and
closed-looped decode) in their digital video designs without concerns of video format support, constrained
network bandwidth, limited system storage capacity or cost with the new TMS320DM368 DaVinci
™ video
processors from Texas Instruments Incorporated (TI).
The DM368 is capable of achieving HD video processing at 1080p 30fps H.264 and is completely
pin-to-pin compatible with the DM365 processors, using the same ARM926EJ-S core running at 432 MHz.
This ARM9-based DM368 device supports production-qualified H.264BP/MP/HP, MPEG-4, MPEG-2,
MJPEG and VC1/WMV9 codecs providing customers with the flexibility to select the right video codec for
their application. These codecs run on independent coprocessors (HDVICP and MJCP) offloading all
compression needs from the main ARM core. This allows developers to obtain optimal performance from
the ARM for their applications, including their multi-channel, multi-stream and multi-format needs.
Video surveillance designers achieve greater compression efficiency to provide more storage without
straining the network bandwidth. Developers of media playback and camera-driven applications, such as
video doorbells, digital signage, digital video recorders, portable media players and more can take
advantage of the low power consumption and can ensure interoperability, as well as product scalability by
taking advantage of the full suite of codecs supported on the DM368.
Along with multi-format HD video, the DM368 also features a suite of peripherals saving developers on
system cost and complexity to enable a seamless interface to most additional external devices required
for video applications. The image sensor interface is flexible enough to support CCD, CMOS, and various
other interfaces such as BT.656, BT1120. The DM368 also offers a high level of integration with HD
display support, including three built-in 10-bit HD analog video digital-to-analog converters (DACs),
DDR2/mDDR, Ethernet MAC, USB 2.0, integrated audio, host port interface (HPI), analog-to digital
converter and many more features saving developers on overall system costs, as well as real estate on
their circuit boards allowing for a slimmer, sleeker design.
Copyright
© 2010–2011, Texas Instruments Incorporated
TMS320DM368 Digital Media System-on-Chip (DMSoC)
3
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com