Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 68 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 64Page - Texas Instruments DM368ZCEZ Datasheet HTML 65Page - Texas Instruments DM368ZCEZ Datasheet HTML 66Page - Texas Instruments DM368ZCEZ Datasheet HTML 67Page - Texas Instruments DM368ZCEZ Datasheet HTML 68Page - Texas Instruments DM368ZCEZ Datasheet HTML 69Page - Texas Instruments DM368ZCEZ Datasheet HTML 70Page - Texas Instruments DM368ZCEZ Datasheet HTML 71Page - Texas Instruments DM368ZCEZ Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 208 page
background image
TMS320DM368
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
www.ti.com
Table 3-14. AECFG (Async EMIF Configuration) Coding at Boot Time
000
001
010
100
101
110
GPIO[65]
EM_A[14]
EM_BA[0]
GPIO[65]
EM_A[14]
EM_BA[0]
GPIO[66]
EM_BA[1]
EM_BA[1]
GPIO[66]
EM_BA[1]
EM_BA[1]
GPIO[67]
EM_A[0]
EM_A[0]
GPIO[67]
EM_A[0]
EM_A[0]
EM_A[1]
EM_A[1]
EM_A[1]
EM_A[1]
EM_A[1]
EM_A[1]
EM_A[2]
EM_A[2]
EM_A[2]
EM_A[2]
EM_A[2]
EM_A[2]
GPIO[68]
EM_A[3]
EM_A[3]
GPIO[68]
EM_A[3]
EM_A[3]
GPIO[69]
EM_A[4]
EM_A[4]
GPIO[69]
EM_A[4]
EM_A[4]
GPIO[70]
EM_A[5]
EM_A[5]
GPIO[70]
EM_A[5]
EM_A[5]
GPIO[71]
EM_A[6]
EM_A[6]
GPIO[71]
EM_A[6]
EM_A[6]
GPIO[72]
EM_A[7]
EM_A[7]
GPIO[72]
EM_A[7]
EM_A[7]
GPIO[73]
EM_A[8]
EM_A[8]
GPIO[73]
EM_A[8]
EM_A[8]
GPIO[74]
EM_A[9]
EM_A[9]
GPIO[74]
EM_A[9]
EM_A[9]
GPIO[75]
EM_A[10]
EM_A[10]
GPIO[75]
EM_A[10]
EM_A[10]
GPIO[76]
EM_A[11]
EM_A[11]
GPIO[76]
EM_A[11]
EM_A[11]
GPIO[77]
EM_A[12]
EM_A[12]
GPIO[77]
EM_A[12]
EM_A[12]
GPIO[78]
EM_A[13]
EM_A[13]
GPIO[78]
EM_A[13]
EM_A[13]
GPIO[57]
GPIO[46]
GPIO[46]
EM_D[8]
EM_D[8]
EM_D[8]
GPIO[58]
GPIO[47]
GPIO[47]
EM_D[9]
EM_D[9]
EM_D[9]
GPIO[59]
GPIO[48]
GPIO[48]
EM_D[10]
EM_D[10]
EM_D[10]
GPIO[60]
GPIO[49]
GPIO[49]
EM_D[11]
EM_D[11]
EM_D[11]
GPIO[61]
GPIO[50]
GPIO[50]
EM_D[12]
EM_D[12]
EM_D[12]
GPIO[62]
GPIO[51]
GPIO[51]
EM_D[13]
EM_D[13]
EM_D[13]
GPIO[63]
GPIO[52]
GPIO[52]
EM_D[14]
EM_D[14]
EM_D[14]
GPIO[64]
GPIO[53]
GPIO[53]
EM_D[15]
EM_D[15]
EM_D[15]
3.7.5.2
AEMIF Timing Configuration
When AEMIF is enabled, the wait state registers are reset to the slowest possible configuration, which is
88 cycles per access (16 cycles of setup, 64 cycles of strobe, and 8 cycles of hold). Thus, with a 24 MHz
clock at MXI/MXO, the AEMIF is configured to run at (12 MHz/ 88) which equals approximately 136.36
kHz.
3.7.6
Oscillator Frequency Configuration
The oscillator input pins, MXI1, MXO, are designed to operate in two frequency ranges depending on the
GIO81(OSCCFG) pin sampled at reset, which should be set according to the required input frequency of
operation. See Table 3-15 for details.
Table 3-15. Operation Frequency
MODE
GIO81 (OSCCFG)
OSCILLATION
1
0
15 - 35MHz
2
1
30 - 40MHz
The frequency selection pin cannot be changed dynamically while the oscillator is running. They should
only be set once before oscillator startup.
The GIO81(OSCCFG) state is latched during reset, and it specifies the oscillation frequency mode as
shown in Table 3-15.
68
Device Configurations
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com