Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 40 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 36Page - Texas Instruments DM368ZCEZ Datasheet HTML 37Page - Texas Instruments DM368ZCEZ Datasheet HTML 38Page - Texas Instruments DM368ZCEZ Datasheet HTML 39Page - Texas Instruments DM368ZCEZ Datasheet HTML 40Page - Texas Instruments DM368ZCEZ Datasheet HTML 41Page - Texas Instruments DM368ZCEZ Datasheet HTML 42Page - Texas Instruments DM368ZCEZ Datasheet HTML 43Page - Texas Instruments DM368ZCEZ Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 208 page
background image
TMS320DM368
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
www.ti.com
Table 2-5. Pin Descriptions (continued)
Name
BGA
Type
Group
Power
IPU
Reset
Description(4)
ID
(1)
Supply(2)
IPD(3)
State
MMCSD0_DATA2
H17
I/O/Z
MMCS
VDDS33
Input
MMCSD0: DATA2
D0
MMCSD0_DATA1
H19
I/O/Z
MMCS
VDDS33
Input
MMCSD0: DATA1
D0
MMCSD0_DATA0
H18
I/O/Z
MMCS
VDDS33
Input
MMCSD0: DATA0
D0
MICIP
B8
AI
VCODE
VDDA33_VC
MIC positive input
C
or
Note: If the Voice Codec peripheral is not used, this
VDDA18_VC
pin must be tied directly to VSS for proper device
operation.
MICIN
C8
AI
VCODE
VDDA33_VC
MIC negative input
C
or
Note: If the Voice Codec peripheral is not used, this
VDDA18_VC
pin must be tied directly to VSS for proper device
operation.
LINEO
C9
AO
VCODE
VDDA33_VC
Line driver output
C
or
Note: If the Voice Codec peripheral is not used, this
VDDA18_VC
pin can be left open or can be connected directly to
Vss for proper device operation.
SPP
B9
AO
VCODE
VDDA33_VC
Speaker amplifier positive output
C
or
VDDA18_VC
Note: If the Voice Codec peripheral is not used, this
pin can be left open or can be connected directly to
Vss for proper device operation.
SPN
A9
AO
VCODE
VDDA33_VC
Speaker amplifier negative output
C
or
Note: If the Voice Codec peripheral is not used, this
VDDA18_VC
pin can be left open or can be connected directly to
Vss for proper device operation.
VCOM
A8
AO
VCODE
VDDA33_VC
Analog block common voltage.
C
or
It is recommended that a 10
µF capacitor be
VDDA18_VC
connected between this pin and ground to provide
clean voltage.
Note: If the Voice Codec peripheral is not used, this
pin must be tied directly to VSS for proper device
operation.
VDDA18_VC
E9
PWR
1.8-V Voice Codec module analog power supply
Note: If the Voice Codec peripheral is not used, this
pin must be tied directly to VSS for proper device
operation.
VSSA18_VC
F9
GND
1.8-V Voice Codec module ground
Note: If the Voice Codec peripheral is not used, this
pin must be tied directly to VSS for proper device
operation.
VDDA33_VC
E10
PWR
3.3-V Voice Codec module power supply
Note: If the Voice Codec peripheral is not used, this
pin must be tied directly to VSS for proper device
operation.
VSSA33_VC
D9
GND
3.3-V Voice Codec module ground
Note: If the Voice Codec peripheral is not used, this
pin must be tied directly to VSS for proper device
operation.
40
Device Overview
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com