Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 56 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 52Page - Texas Instruments DM368ZCEZ Datasheet HTML 53Page - Texas Instruments DM368ZCEZ Datasheet HTML 54Page - Texas Instruments DM368ZCEZ Datasheet HTML 55Page - Texas Instruments DM368ZCEZ Datasheet HTML 56Page - Texas Instruments DM368ZCEZ Datasheet HTML 57Page - Texas Instruments DM368ZCEZ Datasheet HTML 58Page - Texas Instruments DM368ZCEZ Datasheet HTML 59Page - Texas Instruments DM368ZCEZ Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 208 page
background image
TMS320DM368
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
www.ti.com
•
PLL bypass
•
PLL power down
The various clock outputs given by the PLL controller are as follows:
•
Domain clocks: SYSCLKn
•
Bypass domain clock: SYSCLKBP
•
Auxiliary clock from reference clock: AUXCLK
Various dividers that can be used are as follows:
•
Pre-PLL divider: PREDIV
•
Post-PLL divider: POSTDIV
•
SYSCLK divider: PLLDIV1,
…, PLLDIVn
•
SYSCLKBP divider: BPDIV
The Multiplier values supported are handled by:
•
PLL multiplier control: PLLM
Notes:
•
PLLCxSYSCLKy is used to denote post divide clock output SYSCLKy from PLL controller x
•
'x', which denotes PLL Controller number, can assume values 1 and 2
•
'y', which denotes post divide clock outputs, can assume values 1 to 9 in case of PLLC1 and 1 to 5 in
case of PLLC2
The PLL Controllers for PLL1 and PLL2 are described in detail in the TMS320DM36x ARM Subsystem
Reference Guide (literature number SPRUFG5).
56
Device Configurations
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com