Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 4 Page - Texas Instruments

  DM368ZCEZ Datasheet HTML 1Page - Texas Instruments DM368ZCEZ Datasheet HTML 2Page - Texas Instruments DM368ZCEZ Datasheet HTML 3Page - Texas Instruments DM368ZCEZ Datasheet HTML 4Page - Texas Instruments DM368ZCEZ Datasheet HTML 5Page - Texas Instruments DM368ZCEZ Datasheet HTML 6Page - Texas Instruments DM368ZCEZ Datasheet HTML 7Page - Texas Instruments DM368ZCEZ Datasheet HTML 8Page - Texas Instruments DM368ZCEZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 208 page
background image
Lens Dist
Face Det
IPIPE
Resizer
ISIF
Video FE
3Ch
DAC
Video
Encoder
OSD
Video BE
SDTV/HDTV
Analog Video
Digital
RGB/YUV
Camera
AFE
VPSS
DDR2
Controller
EDMA
NAND/SM
Memory
I/F
HPI
16-Bit
DDR2/
mDDR
NAND/
OneNAND/
NOR Flash,
SmartMedia/
xD
Host CPU
16 Bit
8/16 Bit
16 Bit
USB2.0 HS w/OTG
MMC/SD (x2)
SPI (x5)
UART (x2)
I2C
Timer (x4-64b)
WDT (x1-64b)
GIO
PWM (x4)
RTO
McBSP
EMAC
ADC
Key Scan
Voice Codec
System
I/O
Interface
I-Cache
16 KB
D-Cache
8 KB
RAM
32 KB
ROM
16 KB
ARM926EJ-S
ARM INTC
PRTCSS
CLOCK Ctrl
PLL
JTAG
I/F
HDVICP
MJCP
DMA/Data and Configuration Bus
19.2 MHz, 24 MHz
27 MHz or 36 MHz
32.768
kHz
PMIC/
SW
TMS320DM368
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
www.ti.com
1.3
Functional Block Diagram
Figure 1-1 shows the functional block diagram of the TMS320DM368 device.
Figure 1-1. Functional Block Diagram
4
TMS320DM368 Digital Media System-on-Chip (DMSoC)
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com