Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 36 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 32Page - Texas Instruments DM368ZCEZ Datasheet HTML 33Page - Texas Instruments DM368ZCEZ Datasheet HTML 34Page - Texas Instruments DM368ZCEZ Datasheet HTML 35Page - Texas Instruments DM368ZCEZ Datasheet HTML 36Page - Texas Instruments DM368ZCEZ Datasheet HTML 37Page - Texas Instruments DM368ZCEZ Datasheet HTML 38Page - Texas Instruments DM368ZCEZ Datasheet HTML 39Page - Texas Instruments DM368ZCEZ Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 208 page
background image
TMS320DM368
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
www.ti.com
Table 2-5. Pin Descriptions (continued)
Name
BGA
Type
Group
Power
IPU
Reset
Description(4)
ID
(1)
Supply(2)
IPD(3)
State
McBSP: CLKS pin to source an external clock
CLKOUT: Output Clock 0
GIO36 /
W4
I/O/Z
GIO /
VDDS33
IPD
Input
GIO: GIO[36]
SPI4_SCLK /
SPI4 /
EM_A21 / EM_A14
AEMIF
SPI4: Clock
Async EMIF: Address bit[21]
Async EMIF: Address bit[14]
GIO35 /
W3
I/O/Z
GIO /
VDDS33
IPD
Input
GIO: GIO[35]
SPI4_SOMI /
SPI4
SPI4_SCS[1] /
/CLKO
CLKOUT1
UT
SPI4: Slave Out Master In data
SPI4: SPI4 Chip Select 1
CLKOUT: Output Clock 1
GIO34 /
V4
I/O/Z
GIO /
VDDS33
IPD
Input
GIO: GIO[34]
SPI4_SIMO /
SPI4 /
SPI4_SOMI /
UART1
UART1_RXD
SPI4: Slave In Master Out data
SPI4: Slave Out Master In data.
UART1: RXD
GIO33 /
V3
I/O/Z
GIO /
VDDS33
IPD
Input
GIO: GIO[33]
SPI2_SCS[0] /
SPI2 /
USBDRVVBUS /
USB
R1
/VENC
SPI3: SPI3 Chip Select 0
USB: USB: Digital output to control external 5 V
supply
VENC: Red output data bit 1
GIO32 /
W2
I/O/Z
GIO /
VDDS33
IPD
Input
GIO: GIO[32]
SPI2_SCLK / R0
SPI2 /
VENC
SPI2: Clock
VENC: Red output data bit 0
GIO31 /
U4
I/O/Z
GIO /
VDDS33
IPD
Input
GIO: GIO[31]
SPI2_SOMI /
SPI2 /
SPI2_SCS[1] /
CLKOU
CLKOUT2
T
SPI2: Slave Out Master In data
SPI2: SPI2 Chip Select 1
CLKOUT: Output Clock 2
GIO30 /
T4
I/O/Z
GIO /
VDDS33
IPD
Input
GIO: GIO[30]
SPI2_SIMO / G1
SPI2 /
VENC
SPI2: Slave In Master Out data
VENC: Green output data bit 1
GIO29 /
U2
I/O/Z
GIO /
VDDS33
IPD
Input
GIO: GIO[29]
SPI1_SCS[0] / G0
SPI1 /
VENC
SPI1: SPI1 Chip Select 0
VENC: Green output data bit 0
36
Device Overview
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com