Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 5 Page - Texas Instruments

  DM368ZCEZ Datasheet HTML 1Page - Texas Instruments DM368ZCEZ Datasheet HTML 2Page - Texas Instruments DM368ZCEZ Datasheet HTML 3Page - Texas Instruments DM368ZCEZ Datasheet HTML 4Page - Texas Instruments DM368ZCEZ Datasheet HTML 5Page - Texas Instruments DM368ZCEZ Datasheet HTML 6Page - Texas Instruments DM368ZCEZ Datasheet HTML 7Page - Texas Instruments DM368ZCEZ Datasheet HTML 8Page - Texas Instruments DM368ZCEZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
1
TMS320DM368 Digital Media System-on-Chip
6
Peripheral Information and Electrical
(DMSoC)
................................................... 1
Specifications
.......................................... 76
6.1
Parameter Information Device-Specific Information
1.1
Features
.............................................. 1
...................................................... 76
1.2
Description
........................................... 3
6.2
Recommended Clock and Control Signal Transition
1.3
Functional Block Diagram
............................ 4
Behavior
............................................ 77
Revision History (Revision C)
............................. 6
6.3
Power Supplies
..................................... 77
2
Device Overview
........................................ 7
6.4
Power-Supply Sequencing
......................... 78
6.5
Reset
............................................... 80
2.1
Device Characteristics
............................... 7
6.6
Oscillators and Clocks
.............................. 81
2.2
Device Compatibility
................................. 8
6.7
Power Management and Real Time Clock
2.3
ARM Subsystem Overview
.......................... 8
Subsystem (PRTCSS)
.............................. 85
2.4
System Control Module
............................. 12
6.8
General-Purpose Input/Output (GPIO)
............. 87
2.5
Power Management
................................ 13
6.9
EDMA Controller
.................................... 89
2.6
Memory Map Summary
............................. 14
6.10
External Memory Interface (EMIF)
................. 99
2.7
Pin Assignments
.................................... 16
6.11
MMC/SD
........................................... 120
6.12
Video Processing Subsystem (VPSS) Overview
2.8
Terminal Functions
................................. 21
..................................................... 123
2.9
Device Support
..................................... 46
6.13
USB 2.0
........................................... 147
3
Device Configurations
................................ 50
6.14
Universal Asynchronous Receiver/Transmitter
3.1
System Module Registers
.......................... 50
(UART)
............................................ 155
3.2
Boot Modes
......................................... 51
6.15
Serial Port Interface (SPI)
......................... 157
3.3
Device Clocking
.................................... 54
6.16
Inter-Integrated Circuit (I2C)
...................... 167
3.4
Power and Sleep Controller (PSC)
................. 61
6.17
Multi-Channel Buffered Serial Port (McBSP)
..... 170
6.18
Timer
.............................................. 179
3.5
Pin Multiplexing
..................................... 63
6.19
Pulse Width Modulator (PWM)
.................... 181
3.6
Device Reset
....................................... 64
6.20
Real Time Out (RTO)
............................. 183
3.7
Default Device Configurations
...................... 64
6.21
Ethernet Media Access Controller (EMAC)
....... 185
3.8
Debugging Considerations
......................... 69
6.22
Management Data Input/Output (MDIO)
.......... 191
4
System Interconnect
.................................. 70
6.23
Host-Port Interface (HPI) Peripheral
.............. 193
5
Device Operating Conditions
....................... 71
6.24
Key Scan
.......................................... 197
5.1
Absolute Maximum Ratings Over Operating Case
6.25
Analog-to-Digital Converter (ADC)
................ 199
Temperature Range
6.26
Voice Codec
....................................... 199
(Unless Otherwise Noted)
................................. 71
6.27
IEEE 1149.1 JTAG
................................ 201
5.2
Recommended Operating Conditions
.............. 72
7
Mechanical Data
...................................... 204
5.3
Electrical Characteristics Over Recommended
Ranges of Supply Voltage
7.1
Thermal Data for ZCE
............................. 204
and Operating Case Temperature (Unless
7.2
Packaging Information
............................ 204
Otherwise Noted)
................................... 74
Copyright
© 2010–2011, Texas Instruments Incorporated
Contents
5
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com