Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 28 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 24Page - Texas Instruments DM368ZCEZ Datasheet HTML 25Page - Texas Instruments DM368ZCEZ Datasheet HTML 26Page - Texas Instruments DM368ZCEZ Datasheet HTML 27Page - Texas Instruments DM368ZCEZ Datasheet HTML 28Page - Texas Instruments DM368ZCEZ Datasheet HTML 29Page - Texas Instruments DM368ZCEZ Datasheet HTML 30Page - Texas Instruments DM368ZCEZ Datasheet HTML 31Page - Texas Instruments DM368ZCEZ Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 208 page
background image
TMS320DM368
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
www.ti.com
Table 2-5. Pin Descriptions (continued)
Name
BGA
Type
Group
Power
IPU
Reset
Description(4)
ID
(1)
Supply(2)
IPD(3)
State
VSSA18_DAC
E11
GND
Video
Video DAC: Analog 1.8-V ground
DAC
Note: If the DAC peripheral is not used, this pin must
be tied directly to VSS for proper device operation.
VSSA12_DAC
F11
GND
Video
Video DAC: Analog 1.2-V ground
DAC
Note: If the DAC peripheral is not used, this pin must
be tied directly to VSS for proper device operation.
DDR_CLK
W11
O
DDR
VDD18_DDR
DDR Data Clock
DDR_CLK
W12
O
DDR
VDD18_DDR
DDR Complementary Data Clock
DDR_RAS
U12
O
DDR
VDD18_DDR
DDR Row Address Strobe
DDR_CAS
V12
O
DDR
VDD18_DDR
DDR Column Address Strobe
DDR_WE
W13
O
DDR
VDD18_DDR
DDR Write Enable
DDR_CS
T12
O
DDR
VDD18_DDR
DDR Chip Select
DDR_CKE
R13
O
DDR
VDD18_DDR
DDR Clock Enable
DDR_DQM[1]
W6
O
DDR
VDD18_DDR
Data mask input for DDR_DQ[15:8]
DDR_DQM[0]
T11
O
DDR
VDD18_DDR
Data mask input for DDR_DQ[7:0]
DDR_DQS[1]
T7
I/O
DDR
VDD18_DDR
Data strobe input/outputs for each byte of the 16-bit
data bus used to synchronize the data transfers.
Output to DDR2 when writing and inputs when
reading. They are used to synchronize the data
transfers.
DDR_DQS1: For DDR_DQ[15:8]
DDR_DQS[0]
T10
I/O
DDR
VDD18_DDR
Data strobe input/outputs for each byte of the 16-bit
data bus used to synchronize the data transfers.
Output to DDR2 when writing and inputs when
reading. They are used to synchronize the data
transfers.
DDR_DQS0: For DDR_DQ[7:0]
DDR_DQSN[1]
U6
I/O
DDR
VDD18_DDR
DDR: Complimentary data strobe input/outputs for
each byte of the 16-bit data bus. They are outputs to
the DDR2 when writing and inputs when reading.
They are used to synchronize the data transfers.
Note: This signal is used in double ended differential
memory interfaces supported by the device.
DDR_DQSN[0]
U9
I/O
DDR
VDD18_DDR
DDR: Complimentary data strobe input/outputs for
each byte of the 16-bit data bus. They are outputs to
the DDR2 when writing and inputs when reading.
They are used to synchronize the data transfers.
Note: This signal is used in double ended differential
memory interfaces supported by the device.
DDR_BA[2]
V13
O
DDR
VDD18_DDR
Bank select outputs. Two are required for 1Gb DDR2
memories.
DDR_BA[1]
T13
O
DDR
VDD18_DDR
Bank select outputs. Two are required for 1Gb DDR2
memories.
DDR_BA[0]
W14
O
DDR
VDD18_DDR
Bank select outputs. Two are required for 1Gb DDR2
memories.
DDR_A13
T16
O
DDR
VDD18_DDR
DDR Address Bus bit 13
DDR_A12
V17
O
DDR
VDD18_DDR
DDR Address Bus bit 12
DDR_A11
W18
O
DDR
VDD18_DDR
DDR Address Bus bit 11
DDR_A10
V16
O
DDR
VDD18_DDR
DDR Address Bus bit 10
DDR_A9
U16
O
DDR
VDD18_DDR
DDR Address Bus bit 09
DDR_A8
W17
O
DDR
VDD18_DDR
DDR Address Bus bit 08
DDR_A7
T15
O
DDR
VDD18_DDR
DDR Address Bus bit 07
DDR_A6
W16
O
DDR
VDD18_DDR
DDR Address Bus bit 06
28
Device Overview
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com