Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 7 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 3Page - Texas Instruments DM368ZCEZ Datasheet HTML 4Page - Texas Instruments DM368ZCEZ Datasheet HTML 5Page - Texas Instruments DM368ZCEZ Datasheet HTML 6Page - Texas Instruments DM368ZCEZ Datasheet HTML 7Page - Texas Instruments DM368ZCEZ Datasheet HTML 8Page - Texas Instruments DM368ZCEZ Datasheet HTML 9Page - Texas Instruments DM368ZCEZ Datasheet HTML 10Page - Texas Instruments DM368ZCEZ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
2
Device Overview
2.1
Device Characteristics
Table 2-1 provides an overview of the DMSoC. The table shows significant features of the device,
including the peripherals, capacity of on-chip RAM, ARM operating frequency, the package type with pin
count, etc.
Table 2-1. Characteristics of the Processor
HARDWARE FEATURES
DEVICE
DDR2 / mDDR Memory Controller
DDR2 / mDDR (16-bit bus width)
Asynchronous (8/16-bit bus width) RAM,
Asynchronous EMIF (AEMIF)
Flash (NOR, NAND, OneNAND)
Two MMC/SD
Flash Card Interfaces
One SmartMedia/xD
64 independent DMA channels
EDMA
Eight QDMA channels
Four 64-Bit General Purpose (each
Timers
configurable as two separate 32-bit timers)
One 64-Bit Watch Dog
UART
Two (one with RTS and CTS flow control)
SPI
Five (each supports two slave devices)
Peripherals
I2C
One (Master/Slave)
Not all peripherals pins are
10/100 Ethernet MAC with Management Data I/O
One
available at the same time (For
Multi-Channel Buffered Serial Port [McBSP]
One McBSP
more detail, see the Device
Configuration section).
Power Management and Real Time Clock Subsystem
RTC (32.768kHz), GPIO
(PRTCSS)
Key Scan
4 x 4 Matrix, 5 x 3 Matrix
Voice Codec
One
Analog-to-Digital Converter (ADC)
6-channel, 10-bit Interface
General-Purpose Input/Output Port
Up to 104
Pulse width modulator (PWM)
Four outputs
One Input (VPFE)
Configurable Video Ports
One Output (VPBE)
High Speed Device
USB 2.0
High Speed Host
On The Go (HS-USB-OTG)
Wireless Interfaces
Through SDIO
RTO
Four Channels
ARM
On-Chip CPU Memory
Organization
16-KB I-cache, 8-KB D-cache, 32-KB RAM,
16-KB ROM
See Section 6.27.1, JTAG Register
JTAG BSDL_ID
JTAGID register (address location: 0x01C4 0028)
Description(s)
CPU Frequency (Maximum)
MHz
ARM: 432-MHz
Core (V)
1.35 V
Voltage
I/O (V)
3.3 V, 1.8 V
Reference frequency options
19.2 MHz, 24 MHz, 27 MHz, 36 MHz
PLL Options
Configurable PLL controller
PLL bypass, programmable PLL
BGA Package
13 x 13 mm
338-Pin BGA (ZCE)
Process Technology
65 nm
Copyright
© 2010–2011, Texas Instruments Incorporated
Device Overview
7
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com