Electronic Components Datasheet Search
  English  ▼

X  

DM368ZCEZ Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 65 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 61Page - Texas Instruments DM368ZCEZ Datasheet HTML 62Page - Texas Instruments DM368ZCEZ Datasheet HTML 63Page - Texas Instruments DM368ZCEZ Datasheet HTML 64Page - Texas Instruments DM368ZCEZ Datasheet HTML 65Page - Texas Instruments DM368ZCEZ Datasheet HTML 66Page - Texas Instruments DM368ZCEZ Datasheet HTML 67Page - Texas Instruments DM368ZCEZ Datasheet HTML 68Page - Texas Instruments DM368ZCEZ Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
Table 3-12. Device Configuration (continued)
Default Setting (by internal
Sampled
pull-up/
Device Configuration Input
Function
Pin
pull-down)
OSCCFG
Oscillator Configuration
GIO81
0
OSCCFG = '0' for mode #1
(Mode #1)
OSCCFG = '1' for mode #2
3.7.2
PLL Configuration
After POR, warm reset, and max reset, the PLLs and clocks are set to their default configurations. The
PLLs are in bypass mode and disabled by default. This means that the input reference clock at MXI1
(typically 24 MHz) drives the chip after reset. For more information on device clocking, see Section 3.3 .
The default state of the PLLs is reflected in the default state of the register bits in the PLLC registers.
Refer to the TMS320DM36x DMSoC ARM Subsystem Reference Guide (literature number SPRUFG5).
3.7.3
Power Domain and Module State Configuration
Only a subset of modules are enabled after reset by default. Table 3-13 shows which modules are
enabled after reset. Table 3-13 shows that the following modules are enabled depending on the sampled
state of the device configuration pins. For example, if UART boot mode is BTSEL[2:0] = 011, then the
default state of the UART module is enabled. For more information on module configuration, refer to the
TMS320DM36x DMSoC ARM Subsystem Reference Guide (literature number SPRUFG5).
Table 3-13. LPSC Assignments and Module Configuration(1)
LPSC/
MODULE
MODULE NAME
BTSEL [2:0]
NUMBER
000
001
010
011
100
101
110
111
ROM
ROM
ROM
ROM
ROM
ROM
AEMIF
(MMC/SD0
ROM (HPI)
(NAND)
(UART0)
(USB)
(SPI0)
(EMAC)
)
0
EDMA CC
On
On
On
On
1
EDMA TC0
On
On
On
On
2
EDMA TC1
3
EDMA TC2
4
EDMA TC3
5
TIMER3
6
SPI1
7
MMC_SD1
8
McBSP
9
USB
On
10
PWM3
11
SPI2
12
RTO
13
DDR EMIF
14
AEMIF
On
On
15
MMC/SD0
On
16
Reserved
17
TIMER4
18
I2C
19
UART0
On
20
UART1
21
UHPI
On
(1)
"(Blank)" in the above table indicates module is disabled.
Copyright
© 2010–2011, Texas Instruments Incorporated
Device Configurations
65
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com