Electronic Components Datasheet Search
  English  ▼

X  

TAS2564 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2564
Description  TAS2564 7-W Class-D Smart Amp With Integrated 13-V Class-H boost &I/V Sense for Speaker Protection
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2564 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS2564 Datasheet HTML 17Page - Texas Instruments TAS2564 Datasheet HTML 18Page - Texas Instruments TAS2564 Datasheet HTML 19Page - Texas Instruments TAS2564 Datasheet HTML 20Page - Texas Instruments TAS2564 Datasheet HTML 21Page - Texas Instruments TAS2564 Datasheet HTML 22Page - Texas Instruments TAS2564 Datasheet HTML 23Page - Texas Instruments TAS2564 Datasheet HTML 24Page - Texas Instruments TAS2564 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 118 page
background image
A6
A0
ACK
Acknowledge
I2CDeviceAddressand
Read/WriteBit
R/W
A6
A0
R/W ACK
A0 ACK
D7
D0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
LastDataByte
ACK
FirstDataByte
RepeatStart
Condition
Not
Acknowledge
I2CDeviceAddressand
Read/WriteBit
Register
OtherDataBytes
A7
A6
A5
D7
D0 ACK
Acknowledge
D7
D0
A6
A5
A0 R/W ACK A7
A6
A5
A4
A0 ACK
A6
A5
A0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
I2CDeviceAddressand
Read/WriteBit
Register
DataByte
D7
D6
D1
D0 ACK
I2CDeviceAddressand
Read/WriteBit
Not
Acknowledge
R/W
A1
A1
RepeatStart
Condition
Register
21
TAS2564
www.ti.com
SLASEI6A – OCTOBER 2019 – REVISED DECEMBER 2019
Product Folder Links: TAS2564
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Figure 30. Multi-Byte Write Transfer
8.3.7 Single-Byte Read
As shown in Figure 31, a single-byte data-read transfer begins with the master device transmitting a start
condition followed by the I2C device address and the read/write bit. For the data-read transfer, both a write
followed by a read are actually done. Initially, a write is done to transfer the address byte of the internal memory
address to be read. As a result, the read/write bit is set to a 0.
After receiving the TAS2564 address and the read/write bit, the device responds with an acknowledge bit. The
master then sends the internal memory address byte, after which the device issues an acknowledge bit. The
master device transmits another start condition followed by the TAS2564 address and the read/write bit again.
This time, the read/write bit is set to 1, indicating a read transfer. Next, the TAS2564 transmits the data byte from
the memory address being read. After receiving the data byte, the master device transmits a not-acknowledge
followed by a stop condition to complete the single-byte data read transfer.
Figure 31. Single-Byte Read Transfer
8.3.8 Multiple-Byte Read
A multiple-byte data-read transfer is identical to a single-byte data-read transfer except that multiple data bytes
are transmitted by the TAS2564 to the master device as shown in Figure 32. With the exception of the last data
byte, the master device responds with an acknowledge bit after receiving each data byte.
Figure 32. Multi-Byte Read Transfer
8.3.9 Register Organization
Device configuration and coefficients are stored using a page and book scheme. Each page contains 128 bytes
and each book contains 256 pages. All device configuration registers are stored in book 0, page 0, which is the
default setting at power up (and after a software reset). The book and page can be set by the BOOK[7:0] and
PAGE[7:0] registers respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com