Electronic Components Datasheet Search
  English  ▼

X  

TAS2564 Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2564
Description  TAS2564 7-W Class-D Smart Amp With Integrated 13-V Class-H boost &I/V Sense for Speaker Protection
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2564 Datasheet(HTML) 80 Page - Texas Instruments

Back Button TAS2564 Datasheet HTML 76Page - Texas Instruments TAS2564 Datasheet HTML 77Page - Texas Instruments TAS2564 Datasheet HTML 78Page - Texas Instruments TAS2564 Datasheet HTML 79Page - Texas Instruments TAS2564 Datasheet HTML 80Page - Texas Instruments TAS2564 Datasheet HTML 81Page - Texas Instruments TAS2564 Datasheet HTML 82Page - Texas Instruments TAS2564 Datasheet HTML 83Page - Texas Instruments TAS2564 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 118 page
background image
80
TAS2564
SLASEI6A – OCTOBER 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TAS2564
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.5.96 HPFC_CFG1 (page=0x02 address=0x30) [reset=7Fh]
HPF Biquad coefficients
Table 206. HPF Coefficient 1 Field Descriptions
Bit
Field
Type
Reset
Description
7-0
HPF_COEFF_N0[31:24]
RW
7Fh
[N, D] = butter(1, fc/(fs/2), 'high'); round(N(1)*2^31);
8.5.97 HPFC_CFG2 (page=0x02 address=0x31) [reset=FBh]
HPF Biquad coefficients
Table 207. HPF Coefficient 2 Field Descriptions
Bit
Field
Type
Reset
Description
7-0
HPF_COEFF_N0[23:16]
RW
FBh
[N, D] = butter(1, fc/(fs/2), 'high'); round(N(1)*2^31);
8.5.98 HPFC_CFG3 (page=0x02 address=0x32) [reset=B6h]
HPF Biquad coefficients
Table 208. HPF Coefficient 3 Field Descriptions
Bit
Field
Type
Reset
Description
7-0
HPF_COEFF_N0[15:8]
RW
B6h
[N, D] = butter(1, fc/(fs/2), 'high'); round(N(1)*2^31);
8.5.99 HPFC_CFG4 (page=0x02 address=0x33) [reset=14h]
HPF Biquad coefficients
Table 209. HPF Coefficient 4 Field Descriptions
Bit
Field
Type
Reset
Description
7-0
HPF_COEFF_N0[7:0]
RW
14h
[N, D] = butter(1, fc/(fs/2), 'high'); round(N(1)*2^31);
8.5.100 HPFC_CFG5 (page=0x02 address=0x34) [reset=80h]
HPF Biquad coefficients
Table 210. HPF Coefficient 5 Field Descriptions
Bit
Field
Type
Reset
Description
7-0
HPF_COEFF_N1[31:24]
RW
80h
[N, D] = butter(1, fc/(fs/2), 'high'); round(N(2)*2^31);
8.5.101 HPFC_CFG6 (page=0x02 address=0x35) [reset=4h]
HPF Biquad coefficients
Table 211. HPF Coefficient 6 Field Descriptions
Bit
Field
Type
Reset
Description
7-0
HPF_COEFF_N1[23:16]
RW
4h
[N, D] = butter(1, fc/(fs/2), 'high'); round(N(2)*2^31);
8.5.102 HPFC_CFG7 (page=0x02 address=0x36) [reset=49h]
HPF Biquad coefficients
Table 212. HPF Coefficient 7 Field Descriptions
Bit
Field
Type
Reset
Description
7-0
HPF_COEFF_N1[15:8]
RW
49h
[N, D] = butter(1, fc/(fs/2), 'high'); round(N(2)*2^31);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com